Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1217 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1217
Description  Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1217 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1217_10 Datasheet HTML 1Page - ON Semiconductor NCP1217_10 Datasheet HTML 2Page - ON Semiconductor NCP1217_10 Datasheet HTML 3Page - ON Semiconductor NCP1217_10 Datasheet HTML 4Page - ON Semiconductor NCP1217_10 Datasheet HTML 5Page - ON Semiconductor NCP1217_10 Datasheet HTML 6Page - ON Semiconductor NCP1217_10 Datasheet HTML 7Page - ON Semiconductor NCP1217_10 Datasheet HTML 8Page - ON Semiconductor NCP1217_10 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
 Semiconductor Components Industries, LLC, 2010
December, 2010 -- Rev. 7
1
Publication Order Number:
NCP1217/D
NCP1217, NCP1217A
Enhanced PWM Current--Mode
Controller for High--Power
Universal Off--Line Supplies
Housed in an SO--8 or PDIP--7 package, the NCP1217 represents
the enhanced version of the NCP1203--based controllers. Due to its
high drive capability, NCP1217 drives large gate--charge MOSFETs,
which together with internal ramp compensation and built--in
overvoltage protection, ease the design of modern AC/DC adapters.
NCP1217 offers a true alternative to UC384X--based designs.
With an internal structure operating at different fixed frequencies
(65–100–133 kHz), the controller features a high--voltage startup FET,
which ensures a clean and loss less startup sequence. Its current--mode
control topology provides an excellent input audio--susceptibility and
inherent pulse--by--pulse control. Internal ramp compensation easily
prevents subharmonic oscillations from taking place in continuous
conduction mode designs.
When the current setpoint falls below a given value, e.g. the output
power demand diminishes, the IC automatically enters the so--called
skip cycle mode and provides excellent efficiency at light loads.
Because this occurs at a user adjustable low peak current, no acoustic
noise takes place.
The NCP1217 features two efficient protective circuitries: 1) In
presence of an overcurrent condition, the output pulses are disabled
and the device enters a safe burst mode, trying to restart. Once the
default has gone, the device auto--recovers. 2) If an external signal
(e.g. a temperature sensor) pulls Pin 1 above 3.2 V, output pulses are
immediately stopped and the NCP1217 stays latched in this position.
Reset occurs when the VCC collapses to ground, e.g. the user unplugs
the power supply.
Features
Current--Mode with Adjustable Skip--Cycle Capability
Built--in Internal Ramp Compensation
Auto--Recovery Internal Output Short--Circuit Protection
Internal 1.0 ms Soft--Start (NCP1217A Only)
Limited Duty--Cycle to 50% (NCP1217A Only)
Full Latchoff if Adjustment Pin is Brought High
Extremely Low No--Load Standby Power
Internal Temperature Shutdown
500 mA Peak Current Capability
Fixed Frequency Versions at 65 kHz, 100 kHz and 133 kHz
Direct Optocoupler Connection
Internal Leading Edge Blanking
SPICE Models Available for TRANsient and AC Analysis
These are Pb--Free Devices
Typical Applications
High Power AC/DC Converters for TVs, Set--Top Boxes, etc.
Offline Adapters for Notebooks
Telecom DC--DC Converters
All Power Supplies
MARKING
DIAGRAMS
xxxx
= Specific Device Code
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G
or G
= Pb--Free Package
http://onsemi.com
PDIP--8
N SUFFIX
CASE 626
1
8
SOIC--8
D1, D2 SUFFIX
CASE 751
18
5
3
4
(Top View)
Adj
CS
HV
PIN CONNECTIONS
7
6
2
NC
FB
GND
Drv
VCC
See detailed ordering and shipping information in the ordering
information section on page 17 of this data sheet.
ORDERING INFORMATION
17xxx
ALYW
G
1
8
1
8
P1217xxxx
AWL
YYWWG
1
See detailed device marking information in the ordering
information section on page 17 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - NCP1217_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217D100R2 ONSEMI-NCP1217D100R2 Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217D100R2 ONSEMI-NCP1217D100R2 Datasheet
241Kb / 18P
   Enhanced PWM Current?묺ode Controller for High?뭁ower Universal Off?묹ine Supplies
September, 2005 ??Rev. 4
NCP1217D100R2G ONSEMI-NCP1217D100R2G Datasheet
241Kb / 18P
   Enhanced PWM Current?묺ode Controller for High?뭁ower Universal Off?묹ine Supplies
September, 2005 ??Rev. 4
NCP1217D100R2G ONSEMI-NCP1217D100R2G Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217D100R2G ONSEMI-NCP1217D100R2G Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
More results

Similar Description - NCP1217_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217 ONSEMI-NCP1217 Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217A ONSEMI-NCP1217A_15 Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
NCP1217D65 ONSEMI-NCP1217D65 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com