Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1398B Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1398B
Description  High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1398B Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1398B_13 Datasheet HTML 1Page - ON Semiconductor NCP1398B_13 Datasheet HTML 2Page - ON Semiconductor NCP1398B_13 Datasheet HTML 3Page - ON Semiconductor NCP1398B_13 Datasheet HTML 4Page - ON Semiconductor NCP1398B_13 Datasheet HTML 5Page - ON Semiconductor NCP1398B_13 Datasheet HTML 6Page - ON Semiconductor NCP1398B_13 Datasheet HTML 7Page - ON Semiconductor NCP1398B_13 Datasheet HTML 8Page - ON Semiconductor NCP1398B_13 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
NCP1398B/C
http://onsemi.com
5
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
High Voltage bridge pin
VBRIDGE
−1 to 600
V
Floating supply voltage
VBOOT −
VBRIDGE
0 to 20
V
High side output voltage
VDRV_HI
VBRIDGE−0.3 to
VBOOT+0.3
V
Low side output voltage
VDRV_LO
−0.3 to VCC + 0.3
V
Allowable output slew rate
dVBRIDGE/dt
50
V/ns
FB and VCC pin voltage (pins 7 and 12)
VCC
−0.3 to 20
V
Maximum voltage, all pins (except pins 7, 12, 14, 15 and 16)
−0.3 to 10
V
Thermal Resistance Junction−to−Air, PDIP version
RqJ−A
100
°C/W
Thermal Resistance Junction−to−Air, SOIC version
RqJ−A
130
°C/W
Storage Temperature Range
−60 to +150
°C
ESD Capability, HBM model , Except pins 14, 15, 16
2
kV
ESD Capability, Machine Model
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device(s) contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per JEDEC Standard JESD22−A114E
Machine Model 200 V per JEDEC Standard JESD22−A115−A
2. This device meets latch−up tests defined by JEDEC Standard JESD78.
ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, Max TJ = 150°C, VCC = 12 V unless otherwise noted)
Symbol
Rating
Pin
Min
Typ
Max
Unit
SUPPLY SECTION
VCCON
Turn−on threshold level, Vcc going up
12
9.7
10.5
11.3
V
VCC(min)
Minimum operating voltage after turn−on
12
8.7
9.5
10.3
V
VbootON
Startup voltage on the floating section
16−15
8
9
10
V
Vboot(min)
Cutoff voltage on the floating section
16−15
7.4
8.4
9.4
V
Istartup
Startup current, VCC < VCCON
12
620
mA
VCCreset
VCC level at which the internal logic gets reset
12
6.6
V
ICC1+Iboot1
Internal IC consumption, no output load on pin 15/14 – 11/10,
Fsw = 300 kHz, Rdt = 10 kW, RT = 31 kW, RFmax = 7.2 kW,
RSkip/Disable = 7.9 kW, VFb = 3.6 V
12−11
16−15
5.1
mA
ICC2+Iboot2
Internal IC consumption, 1 nF output load on pin 15/14 – 11/10,
Fsw = 300 kHz, Rdt = 10 kW, RT = 31 kW, RFmax = 7.2 kW,
RSkip/Disable = 7.9 kW, VFb = 3.6 V
12−11
16−15
13.3
mA
ICC3+Iboot3
Consumption in fault or disable mode, All drivers disabled, Rdt
=10 kW, RFmin = 31 kW, RFmax = 7.2 kW, RSkip/Disable =
7.9 kW, VFb = 1 V
12−11
16−15
1.05
mA
ICC4+Iboot4
Consumption in skip mode , All drivers disabled, Rdt =10 kW,
RFmin = 31 kW, RFmax = 7.2 kW, RSkip/Disable = 7.9 kW,
VFb = 5.7 V
12−11
16−15
2.2
mA
VOLTAGE CONTROL OSCILLATOR (VCO)
Fsw_min
Minimum switching frequency, Rt = 31 kW on pin 5, Vpin 7 =
0.8 V, DT = 300 ns
0 to 125°C
−40 to 125°C
5
58.2
57.2
60
60
61.8
61.8
kHz
3. Guaranteed by design.
4. Not tested for NCP1398C.


Similar Part No. - NCP1398B_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1398BDR2G ONSEMI-NCP1398BDR2G Datasheet
704Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398BDR2G ONSEMI-NCP1398BDR2G Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
More results

Similar Description - NCP1398B_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1398 ONSEMI-NCP1398 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397_15 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1398 ONSEMI-NCP1398_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1397A ONSEMI-NCP1397A Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
November, 2011 ??Rev. 4
NCP1398B ONSEMI-NCP1398B Datasheet
704Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP13994 ONSEMI-NCP13994 Datasheet
866Kb / 45P
   High Performance Current Mode Resonant Controller with Integrated High-Voltage Drivers
July, 2022 - Rev. 0
NCP1399 ONSEMI-NCP1399_V01 Datasheet
710Kb / 46P
   Current Mode Resonant Controller, with Integrated High-Voltage Drivers, High Performance
October, 2019 - Rev. 17
NCP13992 ONSEMI-NCP13992_V01 Datasheet
938Kb / 33P
   Current Mode Resonant Controller with Integrated High-Voltage Drivers, High Performance
February, 2022 - Rev. 12
NCP1399 ONSEMI-NCP1399_16 Datasheet
677Kb / 44P
   High Performance Current Mode Resonant Controller with Integrated High- Voltage Drivers
February, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com