Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1650 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1650
Description  Power Factor Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1650 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1650 Datasheet HTML 1Page - ON Semiconductor NCP1650 Datasheet HTML 2Page - ON Semiconductor NCP1650 Datasheet HTML 3Page - ON Semiconductor NCP1650 Datasheet HTML 4Page - ON Semiconductor NCP1650 Datasheet HTML 5Page - ON Semiconductor NCP1650 Datasheet HTML 6Page - ON Semiconductor NCP1650 Datasheet HTML 7Page - ON Semiconductor NCP1650 Datasheet HTML 8Page - ON Semiconductor NCP1650 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
 Semiconductor Components Industries, LLC, 2010
December, 2010 -- Rev. 12
1
Publication Order Number:
NCP1650/D
NCP1650
Power Factor Controller
The NCP1650 is an active, power factor correction controller that
can operate over a wide range of input voltages, and output power
levels. It is designed to operate on 50/60 Hz power systems. This
controller offers several different protection methods to assure safe,
reliable operation under any conditions.
The PWM is a fixed frequency, average current mode controller
with a wide complement of features. These features allow for both
flexibility as well as precision in it’s application to a circuit. Critical
components of the internal circuitry are designed for high accuracy,
which allows for precise power and current limiting, therefore
minimizing the amount of overdesign necessary for the power stage
components.
The NCP1650 is designed with a true power limiting circuit that will
maintain excellent power factor even in constant power mode. It also
contains features that allow for fast transient response to changing
load currents and line voltages.
Features
Fixed Frequency Operation
Average Current Mode PWM
Continuous or Discontinuous Mode Operation
Fast Line/Load Transient Compensation
True Power Limiting Circuit
High Accuracy Multipliers
Undervoltage Lockout
Overvoltage Limiting Comparator
Brown Out Protection
Ramp Compensation Does Not Affect Oscillator Accuracy
Operation from 25 to 250 kHz
This is a Pb--Free Device
Typical Applications
Server Power Converters
Front End for Distributed Power Systems
Device
Package
Shipping
ORDERING INFORMATION
1
2
3
4
5
6
7
8
16
12
11
10
9
(Top View
)
AC INPUT
Vin
Vref
AC COMP
AC REF
FB/SD
LOOP COMP
PCOMP
OUTPUT
IS--
Iavg--fltr
Pmax
Iavg
13 RAMP COMP
PIN CONNECTIONS
15
14
GND
CT
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
NCP1650DR2G
SOIC--16
(Pb--Free)
2500/Tape & Reel
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb--Free Package
MARKING DIAGRAM
SO--16
D SUFFIX
CASE 751B
NCP1260G
AWLYWW
1
16
16
1


Similar Part No. - NCP1650

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
NCP1650 ONSEMI-NCP1650 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1650 ONSEMI-NCP1650 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1650DR2 ONSEMI-NCP1650DR2 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
NCP1650DR2G ONSEMI-NCP1650DR2G Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
More results

Similar Description - NCP1650

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
Fairchild Semiconductor
ML4812 FAIRCHILD-ML4812 Datasheet
348Kb / 16P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com