Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV3843BV Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV3843BV
Description  High Performance Current Mode Controllers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV3843BV Datasheet(HTML) 4 Page - ON Semiconductor

  NCV3843BV Datasheet HTML 1Page - ON Semiconductor NCV3843BV Datasheet HTML 2Page - ON Semiconductor NCV3843BV Datasheet HTML 3Page - ON Semiconductor NCV3843BV Datasheet HTML 4Page - ON Semiconductor NCV3843BV Datasheet HTML 5Page - ON Semiconductor NCV3843BV Datasheet HTML 6Page - ON Semiconductor NCV3843BV Datasheet HTML 7Page - ON Semiconductor NCV3843BV Datasheet HTML 8Page - ON Semiconductor NCV3843BV Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCV3843BV
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = 15 V [Note 7], RT = 10 k, CT = 3.3 nF. For typical values TA = 25°C, for min/max values
TA is the operating ambient temperature range that applies [Note 8], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
OUTPUT SECTION
Output Voltage
Low State (ISink = 20 mA)
(ISink = 200 mA)
High State (ISource = 20 mA)
(ISource = 200 mA)
VOL
VOH
12.9
12
0.1
1.6
13.5
13.4
0.4
2.3
V
Output Voltage with UVLO Activated (VCC = 6.0 V, ISink = 1.0 mA)
VOL(UVLO)
0.1
1.1
V
Output Voltage Rise Time (CL = 1.0 nF, TJ = 25°C)
tr
50
150
ns
Output Voltage Fall Time (CL = 1.0 nF, TJ = 25°C)
tf
50
150
ns
UNDERVOLTAGE LOCKOUT SECTION
Startup Threshold (VCC)
Vth
7.8
8.4
9.0
V
Minimum Operating Voltage After Turn−On (VCC)
VCC(min)
7.0
7.6
8.2
V
PWM SECTION
Duty Cycle
Maximum
Minimum
DC(max)
DC(min)
93
96
0
%
TOTAL DEVICE
Power Supply Current
Startup (VCC 14 V) (Note 7)
ICC + IC
12
17
mA
Power Supply Zener Voltage (ICC = 25 mA)
VZ
30
36
V
7. Adjust VCC above the Startup threshold before setting to 15 V.
8. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
NCV3843BV: Tlow = −40°C, Thigh = +125°C. Guaranteed by design.
NCV prefix is for automotive and other applications requiring site and change control.


Similar Part No. - NCV3843BV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3843BV ONSEMI-NCV3843BV Datasheet
295Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
July, 2011 ??Rev. 15
NCV3843BV ONSEMI-NCV3843BV Datasheet
372Kb / 17P
   High Performance Current Mode Controllers
August, 2010 ??Rev. 1
NCV3843BV ONSEMI-NCV3843BV Datasheet
551Kb / 20P
   High Performance Current Mode Controllers
February, 2020 ??Rev. 3
NCV3843BVD1R2G ONSEMI-NCV3843BVD1R2G Datasheet
372Kb / 17P
   High Performance Current Mode Controllers
August, 2010 ??Rev. 1
NCV3843BVD1R2G ONSEMI-NCV3843BVD1R2G Datasheet
379Kb / 17P
   High Performance Current Mode Controllers
August, 2010 ??Rev. 1
More results

Similar Description - NCV3843BV

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com