Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0460.375UR Datasheet(PDF) 1 Page - Littelfuse

Part # 0460.375UR
Description  Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0460.375UR Datasheet(HTML) 1 Page - Littelfuse

  0460.375UR Datasheet HTML 1Page - Littelfuse 0460.375UR Datasheet HTML 2Page - Littelfuse 0460.375UR Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
460 Series
PICO® SMF Fuse > 460 Series
Please refer to www.littelfuse.com/series/460.html for current information.
460 Series PICO® Slo-Blo® Surface Mount Fuse
Description
Agency Approvals
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
E10480
0.375A - 5A
LR29862
0.375A - 5A
PS
E
NBK030205-E10480B
1A - 5A
Electrical Characteristics for Series
Features
% of Ampere
Rating
Opening Time
100%
4 hours, Minimum
200%
1 second, Min.; 120 seconds, Max.
300%
0.2 second, Min.; 3 seconds, Max.
800%
0.02 second, Min.; 0.1 second, Max.
The 460 Series Slo-Blo® SMF is based on Littelfuse PICO®
fuse through-hole technology, though offered in a surface
mount package.
This series of devices meets the requirements of the
RoHS directive.
Electrical Specifications by Item
Ampere
Rating
(A)
Amp
Code
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal Melting
I2t (A2sec)
Agency Approvals
PS
E
0.375
.375
125
50 A @125 VAC
50 A @125 VDC
1.7400
0.085
x
x
0.500
.500
125
1.1900
0.210
x
x
0.750
.750
125
0.4970
0.760
x
x
1.00
001.
125
0.3000
2.01
x
x
x
1.50
01.5
125
0.1160
3.94
x
x
x
2.00
002.
125
0.0710
7.60
x
x
x
2.50
02.5
125
0.0520
13.0
x
x
x
3.00
003.
125
0.0380
21.0
x
x
x
3.50
03.5
125
0.0240
26.8
x
x
x
4.00
004.
125
0.0194
35.0
x
x
x
5.00
005.
125
0.0133
54.8
x
x
x
Applications
PS
E
Revised: April 24, 2012


Similar Part No. - 0460.375UR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0460.500 LITTELFUSE-0460.500 Datasheet
77Kb / 1P
   Surface Mount Fuses
0460.500ER LITTELFUSE-0460.500ER Datasheet
333Kb / 3P
   Surface Mount Fuses PICO SMF Fuse > 460 Series
0460.500UR LITTELFUSE-0460.500UR Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
0460.750 LITTELFUSE-0460.750 Datasheet
77Kb / 1P
   Surface Mount Fuses
0460.750ER LITTELFUSE-0460.750ER Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
More results

Similar Description - 0460.375UR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0460.500UR LITTELFUSE-0460.500UR Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
046002.5UR LITTELFUSE-046002.5UR Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
046001.5ER LITTELFUSE-046001.5ER Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
0460003.ER LITTELFUSE-0460003.ER Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
0460003.UR LITTELFUSE-0460003.UR Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
046003.5UR LITTELFUSE-046003.5UR Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
0460002.ER LITTELFUSE-0460002.ER Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
0460.750ER LITTELFUSE-0460.750ER Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
046002.5ER LITTELFUSE-046002.5ER Datasheet
333Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 460 Series
0459.200ER LITTELFUSE-0459.200ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO짰 SMF Fuse > 459 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com