Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG412 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG412
Description  LC2MOS Precision Quad SPST Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG412 Datasheet(HTML) 4 Page - Analog Devices

  ADG412 Datasheet HTML 1Page - Analog Devices ADG412 Datasheet HTML 2Page - Analog Devices ADG412 Datasheet HTML 3Page - Analog Devices ADG412 Datasheet HTML 4Page - Analog Devices ADG412 Datasheet HTML 5Page - Analog Devices ADG412 Datasheet HTML 6Page - Analog Devices ADG412 Datasheet HTML 7Page - Analog Devices ADG412 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADG411/ADG412/ADG413
REV. A
–4–
ORDERING GUIDE
Model
l
Temperature Range
Package Option
2
ADG411BN
–40
°C to +85°C
N-16
ADG411BR
–40
°C to +85°C
R-16A
ADG411TQ
–55
°C to +125°C
Q-16
ADG411BRU
–40
°C to +85°C
RU-16
ADG412BN
–40
°C to +85°C
N-16
ADG412BR
–40
°C to +85°C
R-16A
ADG412TQ
–55
°C to +125°C
Q-16
ADG413BN
–40
°C to +85°C
N-16
ADG413BR
–40
°C to +85°C
R-16A
NOTES
1To order MIL-STD-883, Class B processed parts, add /883B to T grade part
numbers.
2N = Plastic DIP; R = 0.15" Small Outline IC (SOIC); RU= Thin Shrink Small
Outline (TSSOP); Q = Cerdip.
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25
°C unless otherwise noted)
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+44 V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +25 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –25 V
VL to GND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Analog, Digital Inputs
2
. . . . . . . . . . . VSS –2 V to VDD +2 V or
30 mA, Whichever Occurs First
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . 30 mA
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
(Pulsed at 1 ms, 10% Duty Cycle max)
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (T Version) . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Cerdip Package, Power Dissipation . . . . . . . . . . . . . . . 900 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 76
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . +300
°C
Plastic Package, Power Dissipation . . . . . . . . . . . . . . . 470 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 117
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . +260
°C
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . . 600 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 77
°C/W
TSSOP Package, Power Dissipation . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 115
°C/W
θ
JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 35
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2Overvoltages at IN, S or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.
TERMINOLOGY
VDD
Most positive power supply potential.
VSS
Most negative power supply potential in dual
supplies. In single supply applications, it may
be connected to GND.
VL
Logic power supply (+5 V).
GND
Ground (0 V) reference.
S
Source terminal. May be an input or output.
D
Drain terminal. May be an input or output.
IN
Logic control input.
RON
Ohmic resistance between D and S.
IS (OFF)
Source leakage current with the switch “OFF.”
ID (OFF)
Drain leakage current with the switch “OFF.”
ID, IS (ON)
Channel leakage current with the switch “ON.”
VD (VS)
Analog voltage on terminals D, S.
CS (OFF)
“OFF” switch source capacitance.
CD (OFF)
“OFF” switch drain capacitance.
CD, CS (ON)
“ON” switch capacitance.
tON
Delay between applying the digital control
input and the output switching on.
tOFF
Delay between applying the digital control
input and the output switching off.
tD
“OFF” time or “ON” time measured between
the 90% points of both switches, when switching
from one address state to another.
Crosstalk
A measure of unwanted signal which is coupled
through from one channel to another as a result
of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling
through an “OFF” switch.
Charge
A measure of the glitch impulse transferred
Injection
from the digital input to the analog output
during switching.
PIN CONFIGURATION
(DIP/SOIC)
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN1
D1
S1
VSS
GND
S4
D4
IN4
IN2
D2
S2
VDD
VL
S3
D3
IN3
ADG411
ADG412
ADG413
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADG411/ADG412/ADG413 feature proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - ADG412

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG412BN AD-ADG412BN Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG412BNZ AD-ADG412BNZ Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG412BR AD-ADG412BR Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG412BR-REEL AD-ADG412BR-REEL Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG412BR-REEL7 AD-ADG412BR-REEL7 Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
More results

Similar Description - ADG412

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG412BRZ AD-ADG412BRZ Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG433ABRZ AD-ADG433ABRZ Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
ADG431 AD-ADG431 Datasheet
119Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. B
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com