Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8855 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV8855
Description  Quad-Output Automotive System Power Supply IC with Integrated High-Side 2A Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8855 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV8855_10 Datasheet HTML 6Page - ON Semiconductor NCV8855_10 Datasheet HTML 7Page - ON Semiconductor NCV8855_10 Datasheet HTML 8Page - ON Semiconductor NCV8855_10 Datasheet HTML 9Page - ON Semiconductor NCV8855_10 Datasheet HTML 10Page - ON Semiconductor NCV8855_10 Datasheet HTML 11Page - ON Semiconductor NCV8855_10 Datasheet HTML 12Page - ON Semiconductor NCV8855_10 Datasheet HTML 13Page - ON Semiconductor NCV8855_10 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
NCV8855
http://onsemi.com
10
ELECTRICAL CHARACTERISTICS (VIN_SW = VIN = VISNS1+ = VISNS1− = VISNS2+ = VISNS2− = 13.2 V, SYS_EN = LDO_EN =
HS_EN = 5 V, VOUT3 = 3.3 V, VOUT4 = 8.5 V, IOUT[1:4] = 0 A) Min/Max values are valid for the temperature range −40°C v TJ v
150°C unless noted otherwise. Min/Max values are guaranteed by test, design or statistical correlation.
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
LOW DROPOUT LINEAR REGULATOR CONTROLLER (LDO1, VOUT3) SPECIFICATIONS
Current Limit
ISNS1+ leakage current
IISNS1+
SYS_EN = 0, TJ = 25°C, VISNS1+ = 13.2 V
100
500
nA
ISNS1− leakage current
IISNS1−
SYS_EN = 0, TJ = 25°C, VISNS1− = 13.2 V
100
500
nA
Short circuit threshold voltage
VLR_FB1 % of VREF
60
70
80
%
Short circuit blanking time
From rising edge of LDO_EN
10
12
14
ms
Error Amplifier
Feedback bias current
LR_FB1 = 0.5 V
100
500
nA
Maximum |VGS|
2 mA, internally clamped
10
11.7
13.5
V
LOW DROPOUT LINEAR REGULATOR CONTROLLER (LDO2, VOUT4) SPECIFICATIONS
Output Voltage Regulation
Output voltage accuracy
VLR_FB2 tied to VOUT4 directly,
NTD20P06L pass device
− 2
2
%
Output voltage line regulation
IOUT4 = 10 mA, 9 V v VISNS2+ v 18 V,
NTD20P06L pass device
−0.25
0.01
0.25
%
Output voltage load regulation
1 mA v IOUT4 v 500 mA, NTD20P06L
pass device
−0.5
0.2
0.5
%
Output load capacitance range
COUT4
(Note 1)
10
100
mF
Output load capacitance ESR range
(Note 1)
0.01
5
W
Power supply ripple rejection
PSRR2
NTD20P06L pass device (Note 1)
60
dB
Current Limit
Current limit threshold voltage
VSNS2
VISNS2+ – VISNS2−
90
110
130
mV
ISNS2+ leakage current
IISNS2+
SYS_EN = 0, TJ = 25°C, VISNS2+ = 13.2 V
100
500
nA
ISNS2− leakage current
IISNS2−
SYS_EN = 0, TJ = 25°C, VISNS2− = 13.2 V
100
500
nA
Short circuit threshold voltage
VLR_FB2 % of VREF
60
70
80
%
Short circuit blanking time
From rising edge of LDO_EN
10
12
14
ms
Error Amplifier
Feedback bias current
LR_FB2 = 0.5 V
100
500
nA
Maximum |VGS|
2 mA, internally clamped
10
11.7
13.5
V
High−side Load Switch (HSS)
Current Limit
Peak current limit
IHSSLIM
2.00
2.80
3.64
A
Short circuit timeout
tSCP
1.300
1.506
1.800
ms
Short circuit threshold voltage
VSCP(HS_S)
4.0
4.5
5.0
V
Current overload threshold voltage
VDS
VIN – VHS_S
3.3
3.95
4.6
V
Current overload timeout
2.600
3.012
3.600
ms
Voltage Clamp
Source output positive clamping voltage
VCLAMP+
1 mA v IHS_S v 2 A
VCLAMP+ v VIN v VOVP
15.4
16.0
16.6
V
Source output negative clamping voltage
VCLAMP−
ILOADSW = 50 mA
−1.6
V
1. Guaranteed by design, not fully tested in production.
2. Indirectly guaranteed by test coverage of other parameters.


Similar Part No. - NCV8855_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8855BMNR2G ONSEMI-NCV8855BMNR2G Datasheet
313Kb / 24P
   Quad-Output Automotive System Power Supply IC with Integrated High-Side 2A Switch
May, 2010 ??Rev. 1
More results

Similar Description - NCV8855_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8855 ONSEMI-NCV8855 Datasheet
313Kb / 24P
   Quad-Output Automotive System Power Supply IC with Integrated High-Side 2A Switch
May, 2010 ??Rev. 1
logo
Maxim Integrated Produc...
MAX5088 MAXIM-MAX5088 Datasheet
1Mb / 24P
   2.2MHz, 2A Buck Converters with an Integrated High-Side Switch
Rev 1; 5/06
logo
Analog Devices
MAX14916 AD-MAX14916 Datasheet
991Kb / 42P
   Compact Industrial Octal 1A/Quad 2A High-Side Switch with Diagnostics
19-100575; Rev 1; 6/23
logo
ON Semiconductor
LV5694P ONSEMI-LV5694P Datasheet
357Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5693P ONSEMI-LV5693P_14 Datasheet
412Kb / 16P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5685PV ONSEMI-LV5685PV Datasheet
691Kb / 29P
   System Power Supply IC for Automotive Infotainment Multiple-Output Linear Voltage Regulator
June, 2014
LV5695P ONSEMI-LV5695P_14 Datasheet
345Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
logo
Maxim Integrated Produc...
MAX625 MAXIM-MAX625 Datasheet
251Kb / 7P
   Quad, High-Side Power Switch
Rev 1; 10/94
logo
ON Semiconductor
LV5684NPVD ONSEMI-LV5684NPVD Datasheet
364Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5696P ONSEMI-LV5696P Datasheet
313Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com