Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV51411 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV51411
Description  1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV51411 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV51411 Datasheet HTML 6Page - ON Semiconductor NCV51411 Datasheet HTML 7Page - ON Semiconductor NCV51411 Datasheet HTML 8Page - ON Semiconductor NCV51411 Datasheet HTML 9Page - ON Semiconductor NCV51411 Datasheet HTML 10Page - ON Semiconductor NCV51411 Datasheet HTML 11Page - ON Semiconductor NCV51411 Datasheet HTML 12Page - ON Semiconductor NCV51411 Datasheet HTML 13Page - ON Semiconductor NCV51411 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCV51411
http://onsemi.com
10
WBASE +
VO2
VIN
IS
60
where:
IS = DC switching current.
When the power switch turns on, the saturation voltage
and conduction current contribute to the power loss of a
non−ideal switch. The power loss can be quantified as
WSAT +
VO
VIN
IS
VSAT
where:
VSAT = saturation voltage of the power switch which is
shown in Figure 5.
The switching loss occurs when the switch experiences
both high current and voltage during each switch transition.
This regulator has a 30 ns turn−off time and associated
power loss is equal to
WS +
IS
VIN
2
30 ns
fS
The turn−on time is much shorter and thus turn−on loss is
not considered here.
The total power dissipated by the IC is sum of all the above
WIC + WQ ) WDRV ) WBASE ) WSAT ) WS
The IC junction temperature can be calculated from the
ambient temperature, IC power dissipation and thermal
resistance of the package. The equation is shown as follows,
TJ + WIC
RqJA ) TA
Minimum Load Requirement
As pointed out in the previous section, a minimum load is
required for this regulator due to the pre−driver current
feeding the output. Placing a resistor equal to VO divided by
12 mA should prevent any voltage overshoot at light load
conditions. Alternatively, the feedback resistors can be
valued properly to consume 12 mA current.
COMPONENT SELECTION
Input Capacitor
In a buck converter, the input capacitor witnesses pulsed
current with an amplitude equal to the load current. This
pulsed current and the ESR of the input capacitors determine
the VIN ripple voltage, which is shown in Figure 11. For VIN
ripple, low ESR is a critical requirement for the input
capacitor selection. The pulsed input current possesses a
significant AC component, which is absorbed by the input
capacitors. The RMS current of the input capacitor can be
calculated using:
IRMS + IO D(1 * D)
where:
D = switching duty cycle which is equal to VO/VIN.
IO = load current.
Figure 11. Input Voltage Ripple in a Buck Converter
To calculate the RMS current, multiply the load current
with the constant given by Figure 12 at each duty cycle. It
is a common practice to select the input capacitor with an
RMS current rating more than half the maximum load
current. If multiple capacitors are paralleled, the RMS
current for each capacitor should be the total current divided
by the number of capacitors.
Figure 12. Input Capacitor RMS Current can be
Calculated by Multiplying Y Value with Maximum Load
Current at any Duty Cycle
0
0.2
0.4
1.0
DUTY CYCLE
0
0.1
0.3
0.4
0.5
0.6
0.2
0.6
0.8
Selecting the capacitor type is determined by each
design’s constraint and emphasis. The aluminum
electrolytic capacitors are widely available at lowest cost.
Their ESR and ESL (equivalent series inductor) are
relatively high. Multiple capacitors are usually paralleled to
achieve lower ESR. In addition, electrolytic capacitors
usually need to be paralleled with a ceramic capacitor for
filtering high frequency noises. The OS−CON are solid
aluminum electrolytic capacitors, and therefore has a much
lower ESR. Recently, the price of the OS−CON capacitors
has dropped significantly so that it is now feasible to use
them for some low cost designs. Electrolytic capacitors are


Similar Part No. - NCV51411

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV51411 ONSEMI-NCV51411 Datasheet
182Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV51411DR2 ONSEMI-NCV51411DR2 Datasheet
182Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV51411DR2G ONSEMI-NCV51411DR2G Datasheet
182Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV51411MNR2 ONSEMI-NCV51411MNR2 Datasheet
182Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV51411MNR2G ONSEMI-NCV51411MNR2G Datasheet
182Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
More results

Similar Description - NCV51411

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV51411 ONSEMI-NCV51411 Datasheet
182Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV8842 ONSEMI-NCV8842_11 Datasheet
377Kb / 16P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 10
NCV8842 ONSEMI-NCV8842 Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8843 ONSEMI-NCV8843 Datasheet
187Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCV8843 ONSEMI-NCV8843_10 Datasheet
385Kb / 16P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 10
NCP1547 ONSEMI-NCP1547 Datasheet
157Kb / 13P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCP1547 ONSEMI-NCP1547_11 Datasheet
242Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 5
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411-D ONSEMI-CS51411-D Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com