Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG413 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG413
Description  LC2MOS Precision Quad SPST Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG413 Datasheet(HTML) 6 Page - Analog Devices

  ADG413 Datasheet HTML 1Page - Analog Devices ADG413 Datasheet HTML 2Page - Analog Devices ADG413 Datasheet HTML 3Page - Analog Devices ADG413 Datasheet HTML 4Page - Analog Devices ADG413 Datasheet HTML 5Page - Analog Devices ADG413 Datasheet HTML 6Page - Analog Devices ADG413 Datasheet HTML 7Page - Analog Devices ADG413 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADG411/ADG412/ADG413
REV. A
–6–
FREQUENCY – Hz
120
100
40
100
10M
1k
10k
100k
1M
80
60
VDD = +15V
VSS = –15V
VL = +5V
Figure 7. Off Isolation vs. Frequency
FREQUENCY – Hz
110
100
60
100
10M
1k
10k
100k
1M
90
80
70
VDD = +15V
VSS = –15V
VL = +5V
Figure 8. Crosstalk vs. Frequency
APPLICATION
Figure 9 illustrates a precise, fast, sample-and-hold circuit. An
AD845 is used as the input buffer while the output operational
amplifier is an AD711. During the track mode, SW1 is closed
and the output VOUT follows the input signal VIN. In the hold
mode, SW1 is opened and the signal is held by the hold capaci-
tor CH.
Due to switch and capacitor leakage, the voltage on the hold
capacitor will decrease with time. The ADG411/ADG412/
ADG413 minimizes this droop due to its low leakage specifica-
tions. The droop rate is further minimized by the use of a poly-
styrene hold capacitor. The droop rate for the circuit shown is
typically 30
µV/µs.
A second switch, SW2, which operates in parallel with SW1, is
included in this circuit to reduce pedestal error. Since both
switches will be at the same potential, they will have a differen-
tial effect on the op amp AD711, which will minimize charge
injection effects. Pedestal error is also reduced by the compensa-
tion network RC and CC. This compensation network also re-
duces the hold time glitch while optimizing the acquisition time.
Using the illustrated op amps and component values, the pedes-
tal error has a maximum value of 5 mV over the
±10 V input
range. Both the acquisition and settling times are 850 ns.
+15V
–15V
2200pF
RC
75
CC
1000pF
CH
2200pF
VOUT
ADG411
ADG412
ADG413
SW2
SW1
S
S
D
D
+15V
+5V
–15V
AD845
+15V
–15V
VIN
AD711
Figure 9. Fast, Accurate Sample-and-Hold


Similar Part No. - ADG413

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG413BN AD-ADG413BN Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG413BNZ AD-ADG413BNZ Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG413BR AD-ADG413BR Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG413BR-REEL AD-ADG413BR-REEL Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG413BRUZ AD-ADG413BRUZ Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
More results

Similar Description - ADG413

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG412BRZ AD-ADG412BRZ Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG433ABRZ AD-ADG433ABRZ Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
ADG431 AD-ADG431 Datasheet
119Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. B
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com