Electronic Components Datasheet Search
Selected language     English  ā–¼

Delete All
ON OFF

Advanced Search

              





ADG419BN Datasheet(PDF) 1 Page - Analog Devices

Part No. ADG419BN
Description  LC2MOS Precision Mini-DIP Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

   
 1 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS Precision
Mini-DIP Analog Switch
ADG419
FEATURES
44 V Supply Maximum Ratings
VSS to VDD Analog Signal Range
Low On Resistance (< 35
)
Ultralow Power Dissipation (< 35
W)
Fast Transition Time (160 ns max)
Break-Before-Make Switching Action
Plug-In Replacement for DG419
APPLICATIONS
Precision Test Equipment
Precision Instrumentation
Battery Powered Systems
Sample Hold Systems
FUNCTIONAL BLOCK DIAGRAM
ADG419
D
S1
S2
IN
SWITCH SHOWN FOR A
LOGIC "1" INPUT
GENERAL DESCRIPTION
The ADG419 is a monolithic CMOS SPDT switch. This
switch is designed on an enhanced LC
2MOS process that pro-
vides low power dissipation yet gives high switching speed, low
on resistance and low leakage currents.
The on resistance profile of the ADG419 is very flat over the full
analog input range, ensuring excellent linearity and low distor-
tion. The part also exhibits high switching speed and high signal
bandwidth. CMOS construction ensures ultralow power dissipa-
tion, making the parts ideally suited for portable and battery
powered instruments.
Each switch of the ADG419 conducts equally well in both
directions when ON and has an input signal range that extends
to the supplies. In the OFF condition, signal levels up to the
supplies are blocked. The ADG419 exhibits break-before-
make switching action.
PRODUCT HIGHLIGHTS
1. Extended Signal Range
The ADG419 is fabricated on an enhanced LC
2MOS pro-
cess, giving an increased signal range that extends to the
supply rails.
2. Ultralow Power Dissipation
3. Low RON
4. Single Supply Operation
For applications where the analog signal is unipolar, the
ADG419 can be operated from a single rail power supply.
The part is fully specified with a single +12 V power supply
and will remain functional with single supplies as low as
+5 V.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
Ā© Analog Devices, Inc., 1998




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADG417LC2MOS Precision Mini-DIP Analog Switch 1 2 3 4 5 MoreAnalog Devices
DG333APrecision Quad SPDT Analog Switch 1 2 3 4 5 MoreVishay Siliconix
MAX333APrecision Quad SPDT CMOS Analog Switch 1 2 3 4 5 MoreMaxim Integrated Products
PI5A101Precision Wide-Bandwidth Analog Switch 1 2 3 4 5 MorePericom Semiconductor Corporation
PS394Precision Quad SPDT 17V Analog Switch 1 2 3 4 5 MorePericom Semiconductor Corporation
PI5A100Precision Wide-Bandwidth Quad SPDT Analog Switch 1 2 3 4 5 MorePericom Semiconductor Corporation
TK15210Audio Analog Switch 1 2 3 4 5 MoreTOKO, Inc
2SK1840Analog Switch Applications 1 2 3 Sanyo Semicon Device
AD7769LC2MOS Analog I/O Port 1 2 3 4 5 MoreAnalog Devices
MM74HC4066Quad Analog Switch 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl