Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG436 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG436
Description  Dual SPDT Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG436 Datasheet(HTML) 7 Page - Analog Devices

  ADG436 Datasheet HTML 1Page - Analog Devices ADG436 Datasheet HTML 2Page - Analog Devices ADG436 Datasheet HTML 3Page - Analog Devices ADG436 Datasheet HTML 4Page - Analog Devices ADG436 Datasheet HTML 5Page - Analog Devices ADG436 Datasheet HTML 6Page - Analog Devices ADG436 Datasheet HTML 7Page - Analog Devices ADG436 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADG436
REV. A
–7–
Test Circuits–
VD
S
D
IDS
V1
RON = V1/IDS
Test Circuit 1. On Resistance
VD
S
D
A
ID(ON)
NC
NC = NO CONNECT
Test Circuit 3. On Leakage
VD
S
D
A
VS
IS(OFF)
Test Circuit 2. Off Leakage
VSS
0.1 F
VDD
GND
D
S
VSS
VDD
VIN1
0.1 F
SD
VIN2
NC
VOUT
75
RL
75
CHANNEL-TO-CHANNEL
CROSSTALK
20
Log |VS/VOUT|
VS
Test Circuit 8. Channel-to-Channel Crosstalk
VIN
VSS
VDD
GND
VOUT
D
S
VSS
VDD
0.1 F
0.1 F
VS
RL
75
Test Circuit 7. Off Isolation
SB
VSS
VDD
0.1 F
0.1 F
IN
–10V
+10V
SA
GND
RL
CL
300
35pF
VOUT
D
VSS
VDD
VS
tON
50%
50%
VIN
3V
+10V
0V
tOFF
50%
VS
0V
–10V
Test Circuit 4. Switching Times
SB
VSS
VDD
0.1 F
0.1 F
IN
SA
GND
RL
CL
300
35pF
VOUT
D
VSS
VDD
VS
0V
3V
VIN
tOPEN
50%
50%
VOUT
VS
Test Circuit 5. Break-Before-Make Delay, tOPEN
VSS
VDD
GND
CL
10nF
VOUT
VD
RD
DSA
VSS
VDD
0V
3V
VIN
VOUT
0V
QINJ = CL
VOUT
VOUT
IN
Test Circuit 6. Charge Injection


Similar Part No. - ADG436

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG436BN AD-ADG436BN Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
ADG436BNZ1 AD-ADG436BNZ1 Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
ADG436BR AD-ADG436BR Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
ADG436BR-REEL AD-ADG436BR-REEL Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
ADG436BRZ-REEL1 AD-ADG436BRZ-REEL1 Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
More results

Similar Description - ADG436

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG436 AD-ADG436_05 Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
ADG436 AD-ADG436_15 Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
logo
RF Micro Devices
RFSW6222 RFMD-RFSW6222 Datasheet
640Kb / 9P
   Differential SPDT or Dual SPDT Switch
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Toshiba Semiconductor
TC7USB221FT TOSHIBA-TC7USB221FT Datasheet
226Kb / 12P
   Dual SPDT USB Switch
logo
Vishay Siliconix
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com