Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG419 Datasheet(PDF) 1 Page - Analog Devices

Part # DG419
Description  LC2MOS Precision Mini-DIP Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DG419 Datasheet(HTML) 1 Page - Analog Devices

  DG419 Datasheet HTML 1Page - Analog Devices DG419 Datasheet HTML 2Page - Analog Devices DG419 Datasheet HTML 3Page - Analog Devices DG419 Datasheet HTML 4Page - Analog Devices DG419 Datasheet HTML 5Page - Analog Devices DG419 Datasheet HTML 6Page - Analog Devices DG419 Datasheet HTML 7Page - Analog Devices DG419 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS Precision
Mini-DIP Analog Switch
ADG419
FEATURES
44 V Supply Maximum Ratings
VSS to VDD Analog Signal Range
Low On Resistance (< 35
)
Ultralow Power Dissipation (< 35
W)
Fast Transition Time (160 ns max)
Break-Before-Make Switching Action
Plug-In Replacement for DG419
APPLICATIONS
Precision Test Equipment
Precision Instrumentation
Battery Powered Systems
Sample Hold Systems
FUNCTIONAL BLOCK DIAGRAM
ADG419
D
S1
S2
IN
SWITCH SHOWN FOR A
LOGIC "1" INPUT
GENERAL DESCRIPTION
The ADG419 is a monolithic CMOS SPDT switch. This
switch is designed on an enhanced LC
2MOS process that pro-
vides low power dissipation yet gives high switching speed, low
on resistance and low leakage currents.
The on resistance profile of the ADG419 is very flat over the full
analog input range, ensuring excellent linearity and low distor-
tion. The part also exhibits high switching speed and high signal
bandwidth. CMOS construction ensures ultralow power dissipa-
tion, making the parts ideally suited for portable and battery
powered instruments.
Each switch of the ADG419 conducts equally well in both
directions when ON and has an input signal range that extends
to the supplies. In the OFF condition, signal levels up to the
supplies are blocked. The ADG419 exhibits break-before-
make switching action.
PRODUCT HIGHLIGHTS
1. Extended Signal Range
The ADG419 is fabricated on an enhanced LC
2MOS pro-
cess, giving an increased signal range that extends to the
supply rails.
2. Ultralow Power Dissipation
3. Low RON
4. Single Supply Operation
For applications where the analog signal is unipolar, the
ADG419 can be operated from a single rail power supply.
The part is fully specified with a single +12 V power supply
and will remain functional with single supplies as low as
+5 V.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998


Similar Part No. - DG419

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DG419 AD-DG419 Datasheet
91Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
logo
Maxim Integrated Produc...
DG419 MAXIM-DG419 Datasheet
170Kb / 12P
   Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
logo
Vishay Siliconix
DG419 VISHAY-DG419 Datasheet
106Kb / 10P
   DG419
Rev. E, 06-Sep-99
DG419 VISHAY-DG419 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG419 VISHAY-DG419 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
More results

Similar Description - DG419

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG417BRZ AD-ADG417BRZ Datasheet
92Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG419 AD-ADG419_09 Datasheet
317Kb / 16P
   LC2MOS Precision Mini-DIP Analog Switch
REV. B
ADG417 AD-ADG417 Datasheet
91Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG419 AD-ADG419_15 Datasheet
317Kb / 16P
   LC MOS Precision Mini-DIP Analog Switch
REV. B
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
logo
Pericom Semiconductor C...
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
   Precision Wide-Bandwidth Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com