Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5400 Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # 1N5400
Description  Low reverse leakage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

1N5400 Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  1N5400_10 Datasheet HTML 1Page - DIOTEC Electronics Corporation 1N5400_10 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N5400 THRU 1N5408
RATINGS AND CHARACTERISTIC CURVES
3.0
2.4
1.8
1.2
0.6
0
0
25
50
75
100
125
150
175
200
160
120
80
40
0
0.6
0.8
1.0
1.2
1.4
1.5
0.1
1.0
10
100
0.01
0.1
1
10
100
100
10
1
0.1
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLEAGE,
VOLTS
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0.01
0.1
1
20
10
TJ=25 C
PULSE WIDTH=300 ms
1%DUTY CYCLE
TJ=25 C
1
10
100
200
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
TJ=150 C
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C


Similar Part No. - 1N5400_10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5400 PANJIT-1N5400_10 Datasheet
52Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400_10 Datasheet
1Mb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Diotec Semiconductor
1N5400 DIOTEC-1N5400_10 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
More results

Similar Description - 1N5400_10

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1N5391 DEC-1N5391_10 Datasheet
677Kb / 2P
   Low reverse leakage
RS1A DEC-RS1A Datasheet
666Kb / 2P
   Low reverse leakage
UF5400 DEC-UF5400 Datasheet
667Kb / 2P
   Low reverse leakage
logo
Shanghai Leiditech Elec...
MURS205 LEIDITECH-MURS205 Datasheet
679Kb / 2P
   Low reverse leakage
logo
Rugao Dachang Electroni...
ZMM52 DACHANG-ZMM52 Datasheet
120Kb / 2P
   Low reverse leakage
DL47 DACHANG-DL47 Datasheet
119Kb / 2P
   Low reverse leakage
logo
Surge Components
1N5391-1N5399 SURGE-1N5391-1N5399 Datasheet
1Mb / 2P
   Low reverse leakage
logo
DIOTEC Electronics Corp...
1N4001 DEC-1N4001_10 Datasheet
664Kb / 2P
   Low reverse leakage
10A05 DEC-10A05 Datasheet
672Kb / 2P
   Low reverse leakage
HER201 DEC-HER201 Datasheet
895Kb / 2P
   Low reverse leakage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com