Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE703 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MJE703
Description  4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE703 Datasheet(HTML) 6 Page - Motorola, Inc

  MJE703 Datasheet HTML 1Page - Motorola, Inc MJE703 Datasheet HTML 2Page - Motorola, Inc MJE703 Datasheet HTML 3Page - Motorola, Inc MJE703 Datasheet HTML 4Page - Motorola, Inc MJE703 Datasheet HTML 5Page - Motorola, Inc MJE703 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MJE700,T MJE702 MJE703 MJE800,T MJE802 MJE803
6
Motorola Bipolar Power Transistor Device Data
PACKAGE DIMENSIONS — CONTINUED
CASE 221A–06
TO–220AB
ISSUE Y
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
–––
1.15
–––
Z
–––
0.080
–––
2.04
B
Q
H
Z
L
V
G
N
A
K
F
1
2 3
4
D
SEATING
PLANE
–T–
C
S
T
U
R
J
How to reach us:
USA / EUROPE: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, Toshikatsu Otsuki,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447
6F Seibu–Butsuryu–Center, 3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE (602) 244–6609
HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
MJE700/D
*MJE700/D*


Similar Part No. - MJE703

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE703 ONSEMI-MJE703 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
Samsung semiconductor
MJE703 SAMSUNG-MJE703 Datasheet
252Kb / 6P
   NPN (HIGH DC CURRENT GAIN)
logo
Fairchild Semiconductor
MJE703 FAIRCHILD-MJE703 Datasheet
51Kb / 4P
   Monolithic Construction With Built-in Base- Emitter Resistors
logo
ON Semiconductor
MJE703 ONSEMI-MJE703 Datasheet
84Kb / 6P
   4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
February, 2006 ??Rev. 8
logo
Inchange Semiconductor ...
MJE703 ISC-MJE703 Datasheet
100Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

Similar Description - MJE703

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE700 ONSEMI-MJE700_06 Datasheet
84Kb / 6P
   4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
February, 2006 ??Rev. 8
logo
Motorola, Inc
TIP100 MOTOROLA-TIP100 Datasheet
218Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
TIP120 MOTOROLA-TIP120 Datasheet
251Kb / 6P
   DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
MJ2501 ETC1-MJ2501 Datasheet
485Kb / 4P
   10 Ampere Darlington Power Transistors Complementary Silicon
logo
Motorola, Inc
TIP140 MOTOROLA-TIP140 Datasheet
234Kb / 6P
   10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
TIP110 MOTOROLA-TIP110 Datasheet
269Kb / 6P
   DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
D45C MOTOROLA-D45C Datasheet
94Kb / 4P
   4.0 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
logo
ON Semiconductor
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
MPSW45 ONSEMI-MPSW45 Datasheet
228Kb / 6P
   One Watt Darlington Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com