Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG441TQ Datasheet(PDF) 6 Page - Analog Devices

Part # ADG441TQ
Description  LC2MOS Quad SPST Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG441TQ Datasheet(HTML) 6 Page - Analog Devices

  ADG441TQ Datasheet HTML 1Page - Analog Devices ADG441TQ Datasheet HTML 2Page - Analog Devices ADG441TQ Datasheet HTML 3Page - Analog Devices ADG441TQ Datasheet HTML 4Page - Analog Devices ADG441TQ Datasheet HTML 5Page - Analog Devices ADG441TQ Datasheet HTML 6Page - Analog Devices ADG441TQ Datasheet HTML 7Page - Analog Devices ADG441TQ Datasheet HTML 8Page - Analog Devices ADG441TQ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ADG441/ADG442/ADG444
REV. 0
–6–
100
20
–15
15
80
40
–10
60
510
0
–5
+125
°C
+25
°C
+85
°C
V
DD
= +15V
V
SS
= –15V
V
D
(V
S
) – Volts
Figure 4. RON as a Function of VD (VS) for Different
Temperatures
0.02
–0.02
15
–0.01
–10
–15
0.00
0.01
10
5
0
–5
V
S
, V
D
– Volts
V
DD
= +15V
V
SS
= –15V
T
A
= +25°C
I
S
(OFF)
I
D
(OFF)
I
D
(ON)
Figure 5. Leakage Currents as a Function of VS (VD)
120
50
10M
60
1k
90
110
1M
100k
10k
FREQUENCY – Hz
100
70
80
V
DD
= +15V
V
SS
= –15V
CROSSTALK
OFF ISOLATION
Figure 6. Crosstalk and Off Isolation vs. Frequency
120
20
012
80
40
2
60
810
6
4
V
D
(V
S
) – Volts
+25
°C
100
V
DD
= +12V
V
SS
= 0V
+85
°C
+125
°C
Figure 7. RON as a Function of VD (VS) for Different
Temperatures
0.010
–0.010
12
–0.005
2
0
0.000
0.005
10
8
6
4
V
S
, V
D
– Volts
V
DD
= +12V
V
SS
= 0V
T
A
= +25°C
I
D
(ON)
I
S
(OFF)
I
D
(OFF)
Figure 8. Leakage Currents as a Function of VS (VD)
20
–20
15
–10
–6
–15
9
6
0
–9
V
S
– Volts
10
0
–12
–3
3
12
C
L
= 1nF
V
DD
= +15V
V
SS
= –15V
V
DD
= +12V
V
SS
= 0V
Figure 9. Charge Injection vs. Source Voltage


Similar Part No. - ADG441TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG441ABCHIPS2 AD-ADG441ABCHIPS2 Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches ADG441/ADG442/ADG444
REV. A
ADG441ABN2 AD-ADG441ABN2 Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches ADG441/ADG442/ADG444
REV. A
ADG441ABR-REEL2 AD-ADG441ABR-REEL2 Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches ADG441/ADG442/ADG444
REV. A
ADG441ABR2 AD-ADG441ABR2 Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches ADG441/ADG442/ADG444
REV. A
ADG441ABRZ-REEL1 AD-ADG441ABRZ-REEL1 Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches ADG441/ADG442/ADG444
REV. A
More results

Similar Description - ADG441TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201A AD-ADG201A Datasheet
228Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. A
ADG211A AD-ADG211A Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG201AKRZ AD-ADG201AKRZ Datasheet
233Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG221 AD-ADG221 Datasheet
230Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG201AKNZ AD-ADG201AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com