Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

045201.5MR Datasheet(PDF) 3 Page - Littelfuse

Part # 045201.5MR
Description  Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

045201.5MR Datasheet(HTML) 3 Page - Littelfuse

  045201.5MR Datasheet HTML 1Page - Littelfuse 045201.5MR Datasheet HTML 2Page - Littelfuse 045201.5MR Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
63
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
452/454 Series
NANO> Slo-Blo® > 452/454 Series
Please refer to www.littelfuse.com/series/452.html
or /454.html for current information.
Materials
Product Marking
Operating
Temperature
Moisture
Sensitivity Level
Solderability
Insulation
Resistance (after
Opening)
Thermal Shock
Mechanical Shock
Vibration
Moisture Resistance
Salt Spray
Resistance to Soldering
Heat
Product Characteristics
1 A
T
6.86
(.270")
3.15
(.124")
2.95
(.116")
1.96
(.077")
2.69
(.106")
2.69
(.106")
1.45
(.057")
6.10
(.240")
Recommended pad layout
F
Dimensions
Packaging
Part Numbering System
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
1000
0452 001. M R L
SERIES
AMP Code
QUANTITY Code
PACKAGING Code
RoHS Compliant & Halogen Free
The dot is positioned at the end of the
number sequence with whole ratings
and within for fractional ratings.
Example:
.375
NOTE: “L” suffix applies to 452 series only


Similar Part No. - 045201.5MR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
045201.5MRL LITTELFUSE-045201.5MRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
More results

Similar Description - 045201.5MR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0452002.NRL LITTELFUSE-0452002.NRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0452003.NRL LITTELFUSE-0452003.NRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0454004.MR LITTELFUSE-0454004.MR Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0452001.MR LITTELFUSE-0452001.MR Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0454.500MR LITTELFUSE-0454.500MR Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
045201.5MRL LITTELFUSE-045201.5MRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
045202.5MR LITTELFUSE-045202.5MR Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
045202.5NRL LITTELFUSE-045202.5NRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
045203.5MR LITTELFUSE-045203.5MR Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0452005.NRL LITTELFUSE-0452005.NRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0452.375MRL LITTELFUSE-0452.375MRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com