Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE312RAA8N7_SZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # AE312RAA8N7_SZ
Description  OutgassingCompliantChipInductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AE312RAA8N7_SZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  AE312RAA8N7_SZ Datasheet HTML 1Page - Coilcraft lnc. AE312RAA8N7_SZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2013
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
Document AE195-1 Revised 11/06/12
Small size, exceptional Q and high SRFs make these
inductors ideal for high frequency applications where
size is at a premium. They also have excellent DCR and
current carrying characteristics.
This robust version of Coilcraft’s standard 0603CS series
features high temperature materials that pass NASA low
outgassing specifications and allows operation in ambi-
ent temperatures up to 155°C. The leach-resistant base
metalization with tin-lead (Sn-Pb) terminations ensures
the best possible board adhesion.
Typical L vs Frequency
Typical Q vs Frequency
A
B
C
D
max
max
max
ref
E
F
G
H
I
J
0.071 0.044
0.040 0.015 0.030 0.013 0.034 0.040 0.025 0.025
1,80
1,12
1,02
0,38
0,76 0,33 0,86 1,02 0,64 0,64
A
B
overall
C
D
Terminal wraparound:
approx 0.007/0,18 both ends
J
F
F
G
H
E
terminal
I
I
Suggested
Land Pattern
Current Derating
Core material Ceramic
Terminations Tin-lead (63/37) over silver-platinum-glass frit
Ambient temperature –55°C to +125°C with Imax current, +125°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +155 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 2000 per 7
″ reel
Paper tape: 8 mm wide, 1.0 mm thick, 4 mm pocket spacing
-40 -20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
OutgassingCompliantChipInductorsAE312RAA
0603 CHIP INDUCTORS
Note: Dimensions are before solder application. For maximum overall
dimensions including solder, add 0.0025 in / 0,064 mm to
B and
0.006 in / 0,15 mm to
A and C.
10
100
Frequency (MHz)
1000
10000
200
175
0
25
50
75
100
125
150
120 nH
68 nH
33 nH
3.9 nH
12 nH
120 nH
33 nH
3.9 nH
68 nH
12 nH
0
10
20
30
40
50
60
70
80
90
100
110
120
110
10000
100
1000
Frequency (MHz)


Similar Part No. - AE312RAA8N7_SZ

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE312 RFHIC-AE312 Datasheet
232Kb / 3P
   E-pHEMT MMIC
AE312 RFHIC-AE312_14 Datasheet
606Kb / 6P
   Low Noise Amplifier for CATV, Satellite
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com