Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE336RAD51N_SZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # AE336RAD51N_SZ
Description  Outgassing Compliant Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AE336RAD51N_SZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  AE336RAD51N_SZ Datasheet HTML 1Page - Coilcraft lnc. AE336RAD51N_SZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
Parts shown are preproduction products available for evaluation only.
0805 CHIP INDUCTORS
Document AE197-1 Revised 11/06/12
1. When ordering, please specify
tolerance and testing codes:
AE336RAD51NGSZ
Tolerance: F = 1% G = 2% J = 5%
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10003
2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/HP
4286 impedance analyzer or equivalent with Coilcraft-provided correla-
tion pieces.
3. Q measured at the same frequency as inductance using an Agilent/HP
4291A with an Agilent/HP 16197 test fixture or equivalents.
4. SRF measured using an Agilent/HP 8753ES network analyzer or
equivalent and a Coilcraft SMD-D test fixture.
5. DCR measured on a Keithley 580 micro-ohmmeter or equivalent and a
Coilcraft CCF858 test fixture.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Inductance2
Percent
SRF min4
DCR max5
Imax
Part number1
(nH)
tolerance
Q min3
(GHz)
(Ohms)
(A)
AE336RAD2N5JSZ
2.5 @ 250 MHz
5
56 @ 1000 MHz
>5.00
0.020
2.0
AE336RAD5N6JSZ
5.6 @ 250 MHz
5
83 @ 1000 MHz
4.88
0.035
1.9
AE336RAD6N2JSZ
6.2 @ 250 MHz
5
80 @ 1000 MHz
4.55
0.035
1.8
AE336RAD12NJSZ
12 @ 250 MHz
5
52 @ 500 MHz
2.80
0.045
1.6
AE336RAD16N_SZ
16 @ 250 MHz
5,2
72 @ 500 MHz
2.40
0.060
1.4
AE336RAD18N_SZ
18 @ 250 MHz
5,2
70 @ 500 MHz
2.20
0.060
1.4
AE336RAD20N_SZ
20 @ 250 MHz
5,2
54 @ 250 MHz
2.05
0.060
1.4
AE336RAD27N_SZ
27 @ 250 MHz
5,2,1
58 @ 250 MHz
2.00
0.070
1.3
AE336RAD30N_SZ
30 @ 250 MHz
5,2,1
50 @ 250 MHz
1.74
0.095
1.1
AE336RAD39N_SZ
39 @ 250 MHz
5,2,1
53 @ 250 MHz
1.60
0.110
1.0
AE336RAD48N_SZ
48 @ 200 MHz
5,2,1
44 @ 150 MHz
1.40
0.095
1.1
AE336RAD51N_SZ
51 @ 200 MHz
5,2,1
36 @ 150 MHz
1.28
0.120
0.9
Core material Ceramic
Terminations Tin-lead (63/37) over silver-platinum-glass frit
Ambient temperature –55°C to +125°C with Imax current, +125°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +155 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 2000 per 7
″ reel
Plastic tape: 8 mm wide, 0.23 mm thick, 4 mm pocket spacing,
1.65 mm pocket depth
The AE336RAD inductors provide exceptional Q values,
even at high frequencies. They have a ceramic body and
wire wound construction to provide the highest SRFs,
tight inductance tolerance and batch consistency.
This robust version of Coilcraft’s standard 0805HQ series
features high temperature materials that pass NASA low
outgassing specifications and allow operation in ambi-
ent temperatures up to 155°C. The leach-resistant base
metalization with tin-lead (Sn-Pb) terminations ensures
the best possible board adhesion.
OutgassingCompliantChipInductorsAE336RAD


Similar Part No. - AE336RAD51N_SZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE336RAA COILCRAFT-AE336RAA Datasheet
190Kb / 2P
   Outgassing Compliant Chip Inductors
AE336RAA020JSZ COILCRAFT-AE336RAA020JSZ Datasheet
190Kb / 2P
   Outgassing Compliant Chip Inductors
AE336RAA030JSZ COILCRAFT-AE336RAA030JSZ Datasheet
190Kb / 2P
   Outgassing Compliant Chip Inductors
AE336RAA050JSZ COILCRAFT-AE336RAA050JSZ Datasheet
190Kb / 2P
   Outgassing Compliant Chip Inductors
AE336RAA060JSZ COILCRAFT-AE336RAA060JSZ Datasheet
190Kb / 2P
   Outgassing Compliant Chip Inductors
More results

Similar Description - AE336RAD51N_SZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE336RAA COILCRAFT-AE336RAA Datasheet
190Kb / 2P
   Outgassing Compliant Chip Inductors
AE235RAA COILCRAFT-AE235RAA Datasheet
187Kb / 2P
   Outgassing Compliant Chip Inductors
AE376RAA COILCRAFT-AE376RAA Datasheet
198Kb / 2P
   Outgassing Compliant Chip Inductors
AE413RAD COILCRAFT-AE413RAD Datasheet
191Kb / 2P
   Outgassing Compliant Chip Inductors
AE465PYA COILCRAFT-AE465PYA Datasheet
291Kb / 3P
   Outgassing Compliant Power Inductors
AE611PYA COILCRAFT-AE611PYA Datasheet
321Kb / 4P
   Outgassing Compliant Power Inductors
AE425PJB COILCRAFT-AE425PJB Datasheet
266Kb / 2P
   Outgassing Compliant Power Inductors
AE514PYA COILCRAFT-AE514PYA Datasheet
363Kb / 3P
   Outgassing Compliant Power Inductors
AE515PYA COILCRAFT-AE515PYA Datasheet
296Kb / 4P
   Outgassing Compliant Power Inductors
AE612PNB COILCRAFT-AE612PNB Datasheet
559Kb / 2P
   Outgassing Compliant Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com