Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG433BR Datasheet(PDF) 7 Page - Analog Devices

Part # ADG433BR
Description  LC2MOS Precision Quad SPST Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG433BR Datasheet(HTML) 7 Page - Analog Devices

  ADG433BR Datasheet HTML 1Page - Analog Devices ADG433BR Datasheet HTML 2Page - Analog Devices ADG433BR Datasheet HTML 3Page - Analog Devices ADG433BR Datasheet HTML 4Page - Analog Devices ADG433BR Datasheet HTML 5Page - Analog Devices ADG433BR Datasheet HTML 6Page - Analog Devices ADG433BR Datasheet HTML 7Page - Analog Devices ADG433BR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADG431/ADG432/ADG433
REV. B
–7–
Test Circuits
IDS
V1
SD
VS
RON = V1/IDS
Test Circuit 1. On Resistance
SD
+15V
+5V
0.1 F
0.1 F
VDD
VL
IN
VS
GND
VSS
RL
300
CL
35pF
VOUT
0.1 F
–15V
tON
tOFF
3V
50%
50%
50%
50%
3V
90%
90%
VIN
VIN
VOUT
ADG431
ADG432
Test Circuit 4. Switching Times
S1
D1
+15V
+5V
0.1 F
0.1 F
VDD
VL
IN1, IN2
VS1
GND
VSS
RL1
300
CL1
35pF
VOUT1
0.1 F
–15V
VS2
VOUT2
RL2
300
CL2
35pF
S2
VIN
D2
tD
tD
3V
50%
50%
90%
VIN
VOUT1
VOUT2
90%
90%
90%
0V
0V
0V
Test Circuit 5. Break-Before-Make Time Delay
SD
+15V
+5V
VDD
VL
IN
VS
GND
VSS
CL
10nF
VOUT
–15V
RS
3V
VIN
VOUT
VOUT
QINJ = CL
VOUT
Test Circuit 6. Charge Injection
SD
VS
A
VD
A
IS (OFF)
ID (OFF)
Test Circuit 2. Off Leakage
SD
VS
VD
A
ID (ON)
Test Circuit 3. On Leakage


Similar Part No. - ADG433BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG433BR AD-ADG433BR Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
More results

Similar Description - ADG433BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG411 AD-ADG411 Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
ADG412BRZ AD-ADG412BRZ Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG433ABRZ AD-ADG433ABRZ Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com