Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE536RATR38_SZ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # AE536RATR38_SZ
Description  Outgassing Compliant Air Core Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AE536RATR38_SZ Datasheet(HTML) 2 Page - Coilcraft lnc.

  AE536RATR38_SZ Datasheet HTML 1Page - Coilcraft lnc. AE536RATR38_SZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
Document AE185-2 Revised 10/24/11
AE536RATSeriesAirCoreInductors
Typical L vs Frequency
Typical Q vs Frequency
1
10
Frequency (MHz)
100
1000
90 nH
246 nH
422 nH
169 nH
1000
900
800
700
600
500
400
300
200
100
0
110
Frequency (MHz)
100
1000
90 nH
246 nH
422 nH
169 nH
250
200
150
100
50
0
135°
max
0° min
Recommended
Land Pattern
Strip
Length
0.095
2,42
0.185
4,70
0.080
2,04
0.314
7,98
0.415
0.260
0.235
0.314 ±0.020
A max
B max
C max
DE
0.240 ±0.015
10,55
6,60
5,97
6,10 ±0,38
7,98 ±0,51
E
B
D
C
A
Dimensions are in
inches
mm
AIR CORE INDUCTORS
Typical Current Derating
-40
-55
-20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Suggested
Land Pattern


Similar Part No. - AE536RATR38_SZ

ManufacturerPart #DatasheetDescription
logo
CUI INC
AE5-EW CUI-AE5-EW Datasheet
566Kb / 6P
   DC-DC CONVERTER
AE5-EW CUI-AE5-EW Datasheet
1Mb / 6P
   DC-DC CONVERTER
07/20/2021
AE5-EW-S5 CUI-AE5-EW-S5 Datasheet
566Kb / 6P
   DC-DC CONVERTER
AE5-EW-S5 CUI-AE5-EW-S5 Datasheet
1Mb / 6P
   DC-DC CONVERTER
07/20/2021
AE5-EW-S5-T CUI-AE5-EW-S5-T Datasheet
544Kb / 6P
   DC-DC CONVERTER
More results

Similar Description - AE536RATR38_SZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE475RAT COILCRAFT-AE475RAT Datasheet
429Kb / 2P
   Outgassing Compliant Air Core Inductors
AE350RAT COILCRAFT-AE350RAT Datasheet
518Kb / 2P
   Outgassing Compliant Air Core Inductors
AE439RAT COILCRAFT-AE439RAT Datasheet
527Kb / 2P
   Outgassing Compliant Air Core Inductors
AE465PYA COILCRAFT-AE465PYA Datasheet
291Kb / 3P
   Outgassing Compliant Power Inductors
AE611PYA COILCRAFT-AE611PYA Datasheet
321Kb / 4P
   Outgassing Compliant Power Inductors
AE336RAA COILCRAFT-AE336RAA Datasheet
190Kb / 2P
   Outgassing Compliant Chip Inductors
AE425PJB COILCRAFT-AE425PJB Datasheet
266Kb / 2P
   Outgassing Compliant Power Inductors
AE514PYA COILCRAFT-AE514PYA Datasheet
363Kb / 3P
   Outgassing Compliant Power Inductors
AE515PYA COILCRAFT-AE515PYA Datasheet
296Kb / 4P
   Outgassing Compliant Power Inductors
AE612PNB COILCRAFT-AE612PNB Datasheet
559Kb / 2P
   Outgassing Compliant Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com