Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

046406.3DR Datasheet(PDF) 3 Page - Littelfuse

Part # 046406.3DR
Description  Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

046406.3DR Datasheet(HTML) 3 Page - Littelfuse

  046406.3DR Datasheet HTML 1Page - Littelfuse 046406.3DR Datasheet HTML 2Page - Littelfuse 046406.3DR Datasheet HTML 3Page - Littelfuse 046406.3DR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
79
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
NANO> 250V UMF > Fast-Acting > 464 Series
464 Series
Please refer to www.littelfuse.com/series/464.html for current information.
Materials
Product Marking
Operating
Temperature
Moisture Sensitivity
Level
Solderability
Insulation
Resistance (after
Opening)
Thermal Shock
Mechanical Shock
Vibration
Moisture Resistance
Salt Spray
Resistance to Soldering
Heat
Product Characteristics
Dimensions
Packaging
Part Numbering System
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
0464 001. D R
SERIES
AMP Code
*
QUANTITY Code
PACKAGING Code
*Example:
02.5
REFLOW SOLDER
F
2.8
(.11")
12.1
(.475")
4.5
(.177")
6.7
(.264")
6.8
(.264")
WAVE SOLDER
3.5
(.14")
AC250V
F500mAL
6.9
(.27")
5.6
(.22")
5.6
(.22")
4.5
(.177")
Height
END CAP
TOP VIEW
Recommended pad layout


Similar Part No. - 046406.3DR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
046406.3 LITTELFUSE-046406.3 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
More results

Similar Description - 046406.3DR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
04643.15DR LITTELFUSE-04643.15DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
046402.5DR LITTELFUSE-046402.5DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
04641.25DR LITTELFUSE-04641.25DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
0464.800DR LITTELFUSE-0464.800DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
046401.6DR LITTELFUSE-046401.6DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
0464001.DR LITTELFUSE-0464001.DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
0464002.DR LITTELFUSE-0464002.DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
0464004.DR LITTELFUSE-0464004.DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
0464005.DR LITTELFUSE-0464005.DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
0464.500DR LITTELFUSE-0464.500DR Datasheet
187Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V UMF > Fast-Acting > 464 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com