Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT439RAT19N_SZ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # AT439RAT19N_SZ
Description  200째C Air Core Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AT439RAT19N_SZ Datasheet(HTML) 2 Page - Coilcraft lnc.

  AT439RAT19N_SZ Datasheet HTML 1Page - Coilcraft lnc. AT439RAT19N_SZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
AIR CORE INDUCTORS
Document AT107-2 Revised 09/08/11
AT439RAT/AT470RATAirCoreInductors
Typical Current Derating
L vs Frequency – AT439RAT
L vs Frequency – AT470RAT
25
20
15
10
5
0
60
55
50
45
40
35
30
25
20
15
10
100
100
200
200
400
400
600
600
1000
1000
Frequency (MHz)
Frequency (MHz)
17.5 nH
22.0 nH
28.0 nH
35.5 nH
43.0 nH
2.5 nH
5.0 nH
8.0 nH
12.5 nH
18.5 nH
Q vs Frequency – AT439RAT
Q vs Frequency – AT470RAT
220
210
200
190
180
170
160
150
140
130
135
130
125
120
115
110
105
100
95
90
100
100
200
200
400
400
600
600
1000
1000
Frequency (MHz)
Frequency (MHz)
28.0 nH
35.5 nH
43.0 nH
22.0 nH
17.5 nH
18.5 nH
12.5 nH
8.0 nH
5.0 nH
2.5 nH
-60 -40 -20
020406080 100
180 200
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0


Similar Part No. - AT439RAT19N_SZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
   1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC2-AT431 Datasheet
3Mb / 33P
   Accessories Hardware
AT431 ETC-AT431 Datasheet
3Mb / 34P
   Accessories Hardware
logo
Aimtron Technology
AT431-GRE AIMTRON-AT431-GRE Datasheet
328Kb / 11P
   1.24V low-Voltage Adjustable Precision Shunt Regulator
More results

Similar Description - AT439RAT19N_SZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AT536RAT COILCRAFT-AT536RAT Datasheet
663Kb / 2P
   200째C Air Core Inductors
AT475RAT COILCRAFT-AT475RAT Datasheet
432Kb / 2P
   200째C Air Core Inductors
AT426RAT COILCRAFT-AT426RAT Datasheet
283Kb / 2P
   200째C Air Core Inductors
AT350RAT COILCRAFT-AT350RAT Datasheet
523Kb / 2P
   200째C Air Core Inductors
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
   Air Core Inductors
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
   Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
   Air Core Inductors
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
   Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
   Air Core Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com