Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE566PNB124KSZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # AE566PNB124KSZ
Description  Outgassing Compliant Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AE566PNB124KSZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  AE566PNB124KSZ Datasheet HTML 1Page - Coilcraft lnc. AE566PNB124KSZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
1246 POWER INDUCTORS
Document AE540-1 Revised 12/05/12
DCR3
SRF4
Isat (A)5
Irms (A)6
Inductance2
(mOhms)
(MHz)
10% 20% 30% 20°C 40°C
Part number1
(µH)
typ
max
min typ
drop drop drop rise rise
AE566PNB102MSZ
1.0 ±20%
5.6
6.3 70.0 100
18.14 20.64 22.24 6.00 8.00
AE566PNB152MSZ
1.5 ±20%
8.7
9.7 60.0 85.0 14.06 15.90 17.08 5.80 7.80
AE566PNB272MSZ
2.7 ±20%
10.3
11.5 49.0 70.0 11.66 13.16 14.16 5.00 6.80
AE566PNB332MSZ
3.3 ±20%
15.1
16.8 46.0 65.0
9.74 11.08 11.98 4.50 6.30
AE566PNB472MSZ
4.7 ±20%
19.1
21.3 30.0 42.0
8.62 9.70 10.42 4.40 6.00
AE566PNB562MSZ
5.6 ±20%
22.1
24.6 26.0 37.0
7.62 8.74 9.44 3.95 5.75
AE566PNB682MSZ
6.8 ±20%
24.9
27.7 23.0 33.0
7.38 8.36 9.00 3.70 5.20
AE566PNB822MSZ
8.2 ±20%
27.4
30.5 22.0 31.0
6.84 7.70 8.32 3.35 4.67
AE566PNB103MSZ
10 ±20%
36.8
40.9 19.0 27.0
5.88 6.66 7.18 2.85 3.90
AE566PNB123MSZ
12 ±20%
38.9
43.3 17.0 24.0
5.34 6.04 6.52 2.69 3.65
AE566PNB153MSZ
15 ±20%
48.6
54.1 15.0 22.0
4.68 5.36 5.78 2.50 3.40
AE566PNB183MSZ
18 ±20%
51.0
56.7 13.0 19.0
4.32 4.92 5.32 2.41 3.19
AE566PNB223MSZ
22 ±20%
60.3
67.0 12.6 18.0
3.84 4.34 4.75 2.30 3.14
AE566PNB273MSZ
27 ±20%
67.5
75.0 11.2 16.0
3.54 4.02 4.32 2.06 2.86
AE566PNB333MSZ
33 ±20%
81.7
90.8 10.5 15.0
3.24 3.66 3.96 1.90 2.60
AE566PNB393MSZ
39 ±20%
95.2 105.8
9.3 13.3
3.04 3.46 3.72 1.73 2.39
AE566PNB473MSZ
47 ±20%
120.6 134.0
8.4 12.0
2.70 3.08 3.34 1.50 2.10
AE566PNB563MSZ
56 ±20%
133.8 148.7
7.4 10.6
2.46 2.80 3.02 1.44 2.01
AE566PNB683MSZ
68 ±20%
167.3 185.9
6.8
9.7
2.26 2.54 2.74 1.30 1.80
AE566PNB823MSZ
82 ±20%
188.5 209.5
6.2
8.8
1.98 2.26 2.46 1.24 1.72
AE566PNB104MSZ 100 ±20%
216.8 240.9
5.6
8.0
1.84 2.08 2.24 1.19 1.65
AE566PNB124KSZ 120 ±10%
287.2 319.2
5.0
7.2
1.62 1.86 2.04 1.03 1.42
AE566PNB154KSZ 150 ±10%
326.7 363.0
4.6
6.6
1.48 1.70 1.82 0.95 1.30
AE566PNB184KSZ 180 ±10%
379.5 421.7
4.1
5.9
1.36 1.56 1.68 0.89 1.21
AE566PNB224KSZ 220 ±10%
488.2 542.5
3.7
5.3
1.22 1.38 1.50 0.76 1.00
AE566PNB274KSZ 270 ±10%
560.1 622.4
3.3
4.7
1.12 1.26 1.36 0.72 0.95
AE566PNB334KSZ 330 ±10%
731.4 812.7
2.9
4.1
1.00 1.10 1.20 0.65 0.87
AE566PNB394KSZ 390 ±10%
813.7 904.2
2.7
3.8
0.946 1.00 1.10 0.59 0.79
AE566PNB474KSZ 470 ±10%
935.1 1039
2.5
3.5
0.864 0.978 1.00 0.56 0.76
AE566PNB564KSZ 560 ±10% 1193 1326
2.1
3.0
0.776 0.884 0.956 0.50 0.67
AE566PNB684KSZ 680 ±10% 1370 1523
2.0
2.8
0.720 0.818 0.882 0.46 0.62
AE566PNB824KSZ 820 ±10% 1590 1767
1.8
2.6
0.634 0.728 0.792 0.43 0.58
AE566PNB105KSZ 1000 ±10% 2090 2323
1.7
2.4
0.594 0.676 0.728 0.36 0.50
OutgassingCompliantPowerInductorsAE566PNB
Core material Ferrite
Terminations Tin-lead (63/37) over tin over nickel over phos bronze.
Weight: 2.3 g – 2.5 g
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 200/7
″ reel
Plastic tape: 24 mm wide, 0.35 mm thick, 16 mm pocket spacing,
4.7mm pocket depth
High current, low DCR shielded power inductors
Passes NASA low outgassing specifications
High temperature materials allow operation in ambient
temperatures up to 155°C.
Tin-lead (Sn-Pb) terminations for the best possible board
adhesion
1. When ordering, please specify
testing code:
AE566PNB105KSZ
Testing: Z = COTS
H = Screening per Coilcraft
CP-SA-10001
N = Screening per Coilcraft
CP-SA-10004
2. Inductance measured at 100 kHz, 0.1
Vrms, 0 Adc using a Coilcraft SMD-A
fixture in an Agilent/HP 4263B LCR meter
or equivalent.
3. DCR measured on a micro-ohmmeter and
a Coilcraft CCF858 test fixture.
4. SRF measured using an Agilent/HP 8753D
network analyzer.
5. DC current at which the inductance drops
the specified amount from its value without
current.
6. Current that causes the specified tempera-
ture rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount
Components” before soldering.


Similar Part No. - AE566PNB124KSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE563PKA COILCRAFT-AE563PKA Datasheet
700Kb / 2P
   Outgassing Compliant Power Inductors
AE563PKA103MSZ COILCRAFT-AE563PKA103MSZ Datasheet
700Kb / 2P
   Outgassing Compliant Power Inductors
AE563PKA104MSZ COILCRAFT-AE563PKA104MSZ Datasheet
700Kb / 2P
   Outgassing Compliant Power Inductors
AE563PKA122MSZ COILCRAFT-AE563PKA122MSZ Datasheet
700Kb / 2P
   Outgassing Compliant Power Inductors
AE563PKA123MSZ COILCRAFT-AE563PKA123MSZ Datasheet
700Kb / 2P
   Outgassing Compliant Power Inductors
More results

Similar Description - AE566PNB124KSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE465PYA COILCRAFT-AE465PYA Datasheet
291Kb / 3P
   Outgassing Compliant Power Inductors
AE611PYA COILCRAFT-AE611PYA Datasheet
321Kb / 4P
   Outgassing Compliant Power Inductors
AE425PJB COILCRAFT-AE425PJB Datasheet
266Kb / 2P
   Outgassing Compliant Power Inductors
AE514PYA COILCRAFT-AE514PYA Datasheet
363Kb / 3P
   Outgassing Compliant Power Inductors
AE515PYA COILCRAFT-AE515PYA Datasheet
296Kb / 4P
   Outgassing Compliant Power Inductors
AE612PNB COILCRAFT-AE612PNB Datasheet
559Kb / 2P
   Outgassing Compliant Power Inductors
AE483PYA COILCRAFT-AE483PYA Datasheet
292Kb / 3P
   Outgassing Compliant Power Inductors
AE512PJB COILCRAFT-AE512PJB Datasheet
326Kb / 2P
   Outgassing Compliant Power Inductors
AE524PYA COILCRAFT-AE524PYA Datasheet
286Kb / 3P
   Outgassing Compliant Power Inductors
AE513PYA COILCRAFT-AE513PYA Datasheet
405Kb / 3P
   Outgassing Compliant Power Inductors
AE541PYA COILCRAFT-AE541PYA Datasheet
317Kb / 4P
   Outgassing Compliant Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com