Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP336FRA502MAZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # CP336FRA502MAZ
Description  Common Mode Chokes for Critical Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CP336FRA502MAZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  CP336FRA502MAZ Datasheet HTML 1Page - Coilcraft lnc. CP336FRA502MAZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
1. When ordering, please specify
termination and testing codes:
CP336FRA902MAZ
Termination: A = RoHS compliant gold over nickel over silver-
palladium-glass frit
Special order:
C = Tin-lead over gold over nickel over silver-palladium-
glass frit
F = Tin-silver-copper over gold over nickel over silver-
palladium-glass frit
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
2. Inductance measured at 100 MHz using an Agilent/HP 4286A
impedance analyzer and a Coilcraft SMD-A fixture.
3. DCR is specified per winding.
4. Current per winding that causes a 20°C rise from 25°C ambient.
5. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
• Eliminates virtually all common mode noise in high-speed,
differential mode signal transmission applications such as
USB 2.0, IEEE1394, HDMI and LVDS.
• Most provide >25 dB common mode attenuation and
>100 ohms impedance.
Common mode
Common mode
impedance typ (Ohms)
attenuation typ (dB)
Inductance2 DCR max3 Isolation Irms4
Part number1
10 MHz 100 MHz 500 MHz
10 MHz 100 MHz 500 MHz
min (nH)
(Ohms)
(Vrms)
(mA)
CP336FRA421MAZ
14
42
70
1.1
2.3
8.4
23
0.12
250
500
CP336FRA901MAZ
28
90
154
1.4
4.2
16.9
47
0.17
250
500
CP336FRA172MAZ
57
170
303
2.3
6.7
22.0
84
0.25
250
500
CP336FRA262MAZ
85
260
435
3.0
8.6
27.8
147
0.26
250
500
CP336FRA372MAZ
118
370
641
4.5
11.9
34.3
189
0.32
250
500
CP336FRA502MAZ
148
500
945
4.9
14.5
31.3
273
0.37
250
500
CP336FRA672MAZ
246
670
1231
8.4
16.6
30.0
322
0.45
250
500
CP336FRA902MAZ
294
900
1715
8.7
18.7
30.5
413
0.65
250
250
3
4
2
1
Common Mode Chokes for Critical Applications
0805 COMMON MODE CHOKES
Core material Ferrite
Terminations Gold over nickel over silver-palladium-glass frit. Other
terminations available at additional cost
Weight 14.9 – 15.2 mg
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+105°C with derated current
Storage temperature Component: –55°C to +105°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 2000 per 7
″reel; Plastic tape: 8 mm wide, 0.23 mm thick,
4 mm pocket spacing, 1.14 mm pocket depth
Document CP306-1 Revised 09/07/12
0.065
1,65
max
max
0.068
1,73
0.018
0,46
0.030
0,76
0.040
1,02
0.036
0,91
0.020
0,51
0.020
0,51
0.014
0,36
0.004
0,10
Recommended
Land Pattern
max
0.090
2,29
12
43
1
2
4
3
Dimensions are in
inches
mm


Similar Part No. - CP336FRA502MAZ

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP336V CENTRAL-CP336V Datasheet
731Kb / 2P
   Small Signal Transistor NPN - High Voltage Transistor Chip
CP336V-2N5550 CENTRAL-CP336V-2N5550 Datasheet
868Kb / 4P
   NPN - High Voltage Transistor Die
R0 14-September 2021
CP336V-2N5551 CENTRAL-CP336V-2N5551 Datasheet
736Kb / 3P
   NPN - High Voltage Transistor Die
CP336V-2N5551-CT CENTRAL-CP336V-2N5551-CT Datasheet
465Kb / 9P
   P-Channel JFET Die
R1 17-January 2018
CP336V-2N5551-CT CENTRAL-CP336V-2N5551-CT Datasheet
530Kb / 9P
   PNP - High Voltage Transistor Die
R0 8-August 2019
More results

Similar Description - CP336FRA502MAZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CP312FRA COILCRAFT-CP312FRA Datasheet
340Kb / 2P
   Common Mode Chokes for Critical Applications
logo
Rhombus Industries Inc.
F-1400 RHOMBUS-IND-F-1400 Datasheet
47Kb / 1P
   Common Mode Chokes for Telecom Applications
logo
XFMRS Inc.
XF0063-01 XFMRS-XF0063-01 Datasheet
44Kb / 2P
   COMMON MODE CHOKES FOR TELECOM APPLICATIONS
1013 XFMRS-1013 Datasheet
44Kb / 2P
   COMMON MODE CHOKES FOR TELECOM APPLICATIONS
logo
Bel Fuse Inc.
0555-6400-01 BEL-0555-6400-01 Datasheet
58Kb / 1P
   COMMON MODE FILTER CHOKES FOR TELECOM APPLICATIONS
logo
XFMRS Inc.
XF0043-00U XFMRS-XF0043-00U Datasheet
29Kb / 4P
   POWER APPLICATIONS COMMON MODE CHOKES
XF0033-V01 XFMRS-XF0033-V01 Datasheet
29Kb / 4P
   POWER APPLICATIONS COMMON MODE CHOKES
logo
Bel Fuse Inc.
S555-5999-41 BEL-S555-5999-41 Datasheet
157Kb / 10P
   COMMON MODE CHOKES For LAN and Telecom Applications
logo
LinkCom Manufacturing C...
LTC0320-50R LINKCOM-LTC0320-50R Datasheet
92Kb / 2P
   Common Mode Chokes For DSL and Telecom Applications
LTC0397-50R LINKCOM-LTC0397-50R Datasheet
88Kb / 1P
   Common Mode Chokes For DSL and Telecom Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com