Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML632PTA501MLZ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # ML632PTA501MLZ
Description  High Reliability Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML632PTA501MLZ Datasheet(HTML) 2 Page - Coilcraft lnc.

  ML632PTA501MLZ Datasheet HTML 1Page - Coilcraft lnc. ML632PTA501MLZ Datasheet HTML 2Page - Coilcraft lnc. ML632PTA501MLZ Datasheet HTML 3Page - Coilcraft lnc. ML632PTA501MLZ Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ML63xPTA, ML64xPTA Series
Document ML349-2 Revised 04/26/12
HIGH CURRENT POWER INDUCTORS
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
L
DCR
SRF
Irms (A)6
±20%2
(m)3
(MHz)4
Isat5 20°C 40°C Height
Part number1
(µH) max typ
min typ (A)
rise rise (mm)
ML630PTA301MLZ 0.30 0.740 0.630 385 550 100
41
54
8,64
ML632PTA301MLZ 0.30 1.00 0.900 127 182 100
36
45
9,40
ML630PTA501MLZ 0.50 0.740 0.630 380 544
60
41
54
8,64
ML632PTA501MLZ 0.50 1.00 0.900 104 148
81
36
45
9,40
ML637PTA501MLZ 0.50 1.34 1.20
113 161 100
30
40 10,67
ML630PTA601MLZ 0.60 0.740 0.630 454 648
49
41
54
8,64
ML632PTA601MLZ 0.60 1.00 0.900
80 115
70
36
45
9,40
ML637PTA601MLZ 0.60 1.34 1.20
87 124
90
30
40 10,67
ML641PTA601MLZ 0.60 1.60 1.44
80 115
97
25
35 11,94
ML630PTA681MLZ 0.68 0.740 0.630 318 454
45
41
54
8,64
ML632PTA681MLZ 0.68 1.00 0.900
95 136
62
36
45
9,40
ML637PTA681MLZ 0.68 1.34 1.20
95 135
78
30
40 10,67
ML641PTA681MLZ 0.68 1.60 1.44
72 103
85
25
35 11,94
ML645PTA681MLZ 0.68 1.82 1.70
73 104
98
23
30 12,95
ML630PTA801MLZ 0.80 0.740 0.630 397 567
38
41
54
8,64
ML632PTA801MLZ 0.80 1.00 0.900
64
92
53
36
45
9,40
ML637PTA801MLZ 0.80 1.34 1.20
79 113
70
30
40 10,67
ML641PTA801MLZ 0.80 1.60 1.44
64
91
75
25
35 11,94
ML645PTA801MLZ 0.80 1.82 1.70
65
93
85
23
30 12,95
ML648PTA801MLZ 0.80 2.15 1.94
73 104
98
21
27 13,97
ML630PTA901MLZ 0.90 0.740 0.630 390 557
33
41
54
8,64
ML632PTA901MLZ 0.90 1.00 0.900
67
96
48
36
45
9,40
ML637PTA901MLZ 0.90 1.34 1.20
73 104
62
30
40 10,67
ML641PTA901MLZ 0.90 1.60 1.44
60
85
69
25
35 11,94
ML645PTA901MLZ 0.90 1.82 1.70
69
98
73
23
30 12,95
ML648PTA901MLZ 0.90 2.15 1.94
71 102
87
21
27 13,97
ML630PTA102MLZ 1.0
0.740 0.630 342 488
29
41
54
8,64
ML632PTA102MLZ 1.0
1.00 0.900
57
81
42
36
45
9,40
ML637PTA102MLZ 1.0
1.34 1.20
68
97
56
30
40 10,67
ML641PTA102MLZ 1.0
1.60 1.44
53
75
64
25
35 11,94
ML645PTA102MLZ 1.0
1.82 1.70
69
98
68
23
30 12,95
ML648PTA102MLZ 1.0
2.15 1.94
62
88
70
21
272713,97
ML630PTA122MLZ 1.2
0.740 0.630
57
81
28
41
54
8,64
ML632PTA122MLZ 1.2
1.00 0.900
48
69
37
36
45
9,40
ML637PTA122MLZ 1.2
1.34 1.20
57
81
49
30
40 10,67
ML641PTA122MLZ 1.2
1.60 1.44
51
73
54
25
35 11,94
ML645PTA122MLZ 1.2
1.82 1.70
57
82
58
23
30 12,95
ML648PTA122MLZ 1.2
2.15 1.94
55
78
63
21
27 13,97
ML630PTA202MLZ 2.0
0.740 0.630
28
40
16
41
54
8,64
ML632PTA202MLZ 2.0
1.00 0.900
34
48
27
36
45
9,40
ML637PTA202MLZ 2.0
1.34 1.20
39
56
37
30
40 10,67
ML641PTA202MLZ 2.0
1.60 1.44
36
51
35
25
35 11,94
ML645PTA202MLZ 2.0
1.82 1.70
43
61
40
23
30 12,95
ML648PTA202MLZ 2.0
2.15 1.94
43
62
45
21
27 13,97
ML645PTA362MLZ 3.6
1.82 1.70
27
38
25
23
30 12,95
ML645PTA402MLZ 4.0
1.82 1.70
25
35
20
23
30 12,95
ML648PTA402MLZ 4.0
2.15 1.94
25
36
25
21
27 13,97
ML645PTA472MLZ 4.7
1.82 1.70
21
30
18
23
30 12,95
1. When ordering, please specify
testing code:
ML648PTA472MLZ
Testing: Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc on an
Agilent/HP 4263B LCR meter or equivalent.
3. DCR measured on a Keithley 580 micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753D network
analyzer.
5. DC current at which the inductance drops 10% (typ)
from its value without current.
6. Current that causes the specified temperature rise from
25°C ambient. When Irms is greater than Isat, Isat is
the more critical specification, and Irms is shown in gray
type. See Temperature Rise vs Current curve below.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.
Current Derating
Temperature Rise vs Current
70
60
50
40
30
20
0
10
Current (Arms)
10
03040
20
50
60
70
-55
-20
-40
020406080 100
160
120 140
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms


Similar Part No. - ML632PTA501MLZ

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML63271APB MINILOGIC-ML63271APB Datasheet
182Kb / 5P
   DC-DC Converter
ML63271APL MINILOGIC-ML63271APL Datasheet
182Kb / 5P
   DC-DC Converter
ML63271APR MINILOGIC-ML63271APR Datasheet
182Kb / 5P
   DC-DC Converter
ML63271ATB MINILOGIC-ML63271ATB Datasheet
182Kb / 5P
   DC-DC Converter
ML63271ATL MINILOGIC-ML63271ATL Datasheet
182Kb / 5P
   DC-DC Converter
More results

Similar Description - ML632PTA501MLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com