Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML630PTA601MLZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML630PTA601MLZ
Description  High Reliability Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML630PTA601MLZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML630PTA601MLZ Datasheet HTML 1Page - Coilcraft lnc. ML630PTA601MLZ Datasheet HTML 2Page - Coilcraft lnc. ML630PTA601MLZ Datasheet HTML 3Page - Coilcraft lnc. ML630PTA601MLZ Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document ML349-1 Revised 04/26/12
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
High Reliability Power Inductors
HIGH CURRENT POWER INDUCTORS
Enhanced crush-resistant packaging
ML630PTA 200 per 13
″ reel; Plastic tape: 44 mm wide, 0.4 mm thick, 4 mm pocket spacing, 9.25 pocket depth
ML632PTA 200 per 13
″ reel; Plastic tape: 44 mm wide, 0.4 mm thick, 4 mm pocket spacing, 10.5 pocket depth
ML637PTA 170 per 13
″ reel; Plastic tape: 44 mm wide, 0.4 mm thick, 4 mm pocket spacing, 11.6 pocket depth
ML641PTA 150 per 13
″ reel; Plastic tape: 44 mm wide, 0.4 mm thick, 4 mm pocket spacing, 13.0 pocket depth
ML645PTA 150 per 13
″ reel; Plastic tape: 44 mm wide, 0.5 mm thick, 4 mm pocket spacing, 14.0 pocket depth
ML648PTA 125 per 13
″ reel; Plastic tape: 44 mm wide, 0.5 mm thick, 4 mm pocket spacing, 15.0 pocket depth
Core material Ferrite
Terminations RoHS compliant tin-silver over copper.
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
PCB washing Only pure water or alcohol recommended
High temperature materials allow operation in ambient
temperatures up to 155°C
Designed for high current power supply applications
Flat wire windings provide exceptionally low DCR
Isat ratings as high as 100 A
ML63xPTA
ML64xPTA
1
2
3
Caution:
Terminal 3 is provided for mounting
stability only. This terminal is connected
to the winding of the inductor and must
not be connected to ground or any
circuitry.


Similar Part No. - ML630PTA601MLZ

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML630Q464 LAPIS-ML630Q464 Datasheet
1Mb / 37P
   Ultra Low Power 32-bit Microcontroller
ML630Q466 LAPIS-ML630Q466 Datasheet
1Mb / 37P
   Ultra Low Power 32-bit Microcontroller
logo
List of Unclassifed Man...
ML630Q791 ETC2-ML630Q791 Datasheet
569Kb / 25P
   32-bit Microcontroller for Sensor Control
logo
LAPIS Semiconductor Co....
ML630Q791 LAPIS-ML630Q791 Datasheet
569Kb / 25P
   32-bit Microcontroller for Sensor Control
More results

Similar Description - ML630PTA601MLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com