Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML641PTA601MLZ Datasheet(PDF) 4 Page - Coilcraft lnc.

Part # ML641PTA601MLZ
Description  High Reliability Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML641PTA601MLZ Datasheet(HTML) 4 Page - Coilcraft lnc.

  ML641PTA601MLZ Datasheet HTML 1Page - Coilcraft lnc. ML641PTA601MLZ Datasheet HTML 2Page - Coilcraft lnc. ML641PTA601MLZ Datasheet HTML 3Page - Coilcraft lnc. ML641PTA601MLZ Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ML63xPTA, ML64xPTA Series
Document ML349-4 Revised 04/26/12
HIGH CURRENT POWER INDUCTORS
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
L vs Current
0.1
1
100
10
0.1
1.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
Current (A)
2.0 µH
1.2 µH
0.68 µH
0.50 µH
1.0 µH 0.90 µH 0.80 µH
0.60 µH
0.30 µH
0.1
1
100
10
0.1
1.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
Current (A)
2.0 µH
1.2 µH
0.68 µH
0.50 µH
0.60 µH
0.30 µH
1.0 µH 0.90 µH 0.80 µH
632PTA
0.1
1
100
10
0.1
1.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
Current (A)
2.0 µH
1.2 µH
0.68 µH
0.50 µH
1.0 µH 0.90 µH
0.80 µH
0.60 µH
637PTA
0.1
1
100
10
0.1
1.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
Current (A)
2.0 µH
1.2 µH
0.68 µH
0.60 µH
1.0 µH 0.90 µH
0.80 µH
0.1
1
100
10
0.1
1.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
Current (A)
4.7 µH
3.6 µH
2.0 µH
1.2 µH
0.68 µH
1.0 µH 0.90 µH
0.80 µH
0.1
1
100
10
0.1
1.0
2.0
4.0
6.0
8.0
10.0
0.2
0.4
0.6
0.8
Current (A)
4.0 µH
2.0 µH
1.2 µH
1.0 µH
0.90 µH 0.80 µH
641PTA
645PTA
648PTA
630PTA


Similar Part No. - ML641PTA601MLZ

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6411 MICRO-LINEAR-ML6411 Datasheet
244Kb / 24P
   Programmable Video Digitizer with Selectable Gain and Clamps
logo
Mitsubishi Electric Sem...
ML64114R MITSUBISHI-ML64114R Datasheet
120Kb / 3P
   AIGaAs LASER DIODES?
ML64116R MITSUBISHI-ML64116R Datasheet
34Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML6411A MITSUBISHI-ML6411A Datasheet
273Kb / 8P
   AIGaAs Laser Diodes emitting light beams around 780nm wavelength
ML6411C MITSUBISHI-ML6411C Datasheet
273Kb / 8P
   AIGaAs Laser Diodes emitting light beams around 780nm wavelength
More results

Similar Description - ML641PTA601MLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com