Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML312RAA4N7_LZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML312RAA4N7_LZ
Description  High-Reliability Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML312RAA4N7_LZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML312RAA4N7_LZ Datasheet HTML 1Page - Coilcraft lnc. ML312RAA4N7_LZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
High-ReliabilityChipInductors ML312RAA
0603 CHIP INDUCTORS
Small size, exceptional Q and high SRFs make these
inductors ideal for high frequency applications where
size is at a premium. They also have excellent DCR and
current carrying characteristics.
This robust version of Coilcraft’s standard 0603CS series
features high temperature materials that allow operation
in ambient temperatures up to 155°C.
Typical L vs Frequency
Typical Q vs Frequency
A
B
C
D
max
max
max
ref
E
F
G
H
I
J
0.071 0.044
0.040 0.015 0.030 0.013 0.034 0.040 0.025 0.025
1,80
1,12
1,02
0,38
0,76 0,33 0,86 1,02 0,64 0,64
Current Derating
Core material Ceramic
Terminations Silver-palladium-platinum-glass frit
Ambient temperature –55°C to +125°C with Imax current, +125°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +155 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 2000 per 7
″ reel
Paper tape: 8 mm wide, 1.0 mm thick, 4 mm pocket spacing
I
I
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.007/0,18 both ends
Suggested
Land Pattern
-40
-55
-20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
10
100
Frequency (MHz)
1000
10000
200
175
0
25
50
75
100
125
150
120 nH
68 nH
33 nH
3.9 nH
12 nH
120 nH
33 nH
3.9 nH
68 nH
12 nH
0
10
20
30
40
50
60
70
80
90
100
110
120
110
10000
100
1000
Frequency (MHz)
Document ML195-1 Revised 11/06/12


Similar Part No. - ML312RAA4N7_LZ

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
ML312S-05ERW MPD-ML312S-05ERW Datasheet
897Kb / 4P
   Low Cost, 3W SMT 2:1 Input Range DC/DC Converters
ML312S-12ERW MPD-ML312S-12ERW Datasheet
897Kb / 4P
   Low Cost, 3W SMT 2:1 Input Range DC/DC Converters
ML312S-15ERW MPD-ML312S-15ERW Datasheet
897Kb / 4P
   Low Cost, 3W SMT 2:1 Input Range DC/DC Converters
More results

Similar Description - ML312RAA4N7_LZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS450RAA COILCRAFT-MS450RAA Datasheet
168Kb / 2P
   High-Reliability Chip Inductors
ML450RAB COILCRAFT-ML450RAB Datasheet
171Kb / 2P
   High-Reliability Chip Inductors
ML336RAA COILCRAFT-ML336RAA Datasheet
196Kb / 2P
   High-Reliability Chip Inductors
ML413RAM COILCRAFT-ML413RAM Datasheet
184Kb / 2P
   High-Reliability Chip Inductors
ML450RAA COILCRAFT-ML450RAA Datasheet
165Kb / 2P
   High-Reliability Chip Inductors
MS336RAD COILCRAFT-MS336RAD Datasheet
173Kb / 2P
   High Reliability Chip Inductors
MS376RAA COILCRAFT-MS376RAA Datasheet
183Kb / 2P
   High-Reliability Chip Inductors
ML413RAD COILCRAFT-ML413RAD Datasheet
177Kb / 2P
   High-Reliability Chip Inductors
MS450RAB COILCRAFT-MS450RAB Datasheet
169Kb / 2P
   High-Reliability Chip Inductors
ML336RAM COILCRAFT-ML336RAM Datasheet
191Kb / 2P
   High Reliability Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com