Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON6411 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AON6411
Description  20V P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6411 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AON6411 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6411 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6411 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6411 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6411 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6411 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AON6411
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
0
2
4
6
8
10
0
50
100
150
200
250
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
2000
4000
6000
8000
10000
12000
14000
16000
18000
0
5
10
15
20
-V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
0
100
200
300
400
500
600
700
800
900
1000
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-Case
C
oss
C
rss
V
DS=-10V
I
D=-20A
T
J(Max)=150°C
T
C=25°C
10
µs
0.0
0.1
1.0
10.0
100.0
1000.0
0.01
0.1
1
10
100
-V
DS (Volts)
Figure 9: Maximum Forward Biased
10
µs
10ms
1ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
C=25°C
100
µs
18
40
Figure 10: Single Pulse Power Rating Junction-to-Case
(Note F)
0.01
0.1
1
10
1E-05
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Single Pulse
D=T
on/T
T
J,PK=TC+PDM.Z
θJC.RθJC
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Figure 9: Maximum Forward Biased
Safe Operating Area (Note F)
RθJC=0.8°C/W
Rev 0: Jan. 2012
www.aosmd.com
Page 4 of 6


Similar Part No. - AON6411

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6410 AOSMD-AON6410 Datasheet
163Kb / 6P
   30V N-Channel MOSFET
AON6413 AOSMD-AON6413 Datasheet
330Kb / 6P
   30V P-Channel MOSFET
AON6414A AOSMD-AON6414A Datasheet
273Kb / 6P
   30V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AON6414A VBSEMI-AON6414A Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AON6414AL AOSMD-AON6414AL Datasheet
390Kb / 6P
   30V N-Channel MOSFET
More results

Similar Description - AON6411

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
   20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
   20V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2301A GOOD-ARK-SSF2301A Datasheet
333Kb / 4P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
   20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2305 TSC-TSM2305 Datasheet
384Kb / 6P
   20V P-Channel MOSFET
TSM3441 TSC-TSM3441_08 Datasheet
125Kb / 6P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
   20V P-Channel MOSFET
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
   20V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com