Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG620BRT Datasheet(PDF) 2 Page - Analog Devices

Part # ADG620BRT
Description  CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG620BRT Datasheet(HTML) 2 Page - Analog Devices

  ADG620BRT Datasheet HTML 1Page - Analog Devices ADG620BRT Datasheet HTML 2Page - Analog Devices ADG620BRT Datasheet HTML 3Page - Analog Devices ADG620BRT Datasheet HTML 4Page - Analog Devices ADG620BRT Datasheet HTML 5Page - Analog Devices ADG620BRT Datasheet HTML 6Page - Analog Devices ADG620BRT Datasheet HTML 7Page - Analog Devices ADG620BRT Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. 0
–2–
ADG619/ADG620–SPECIFICATIONS
B Version
–40 C to
Parameter
+25 C
+85 C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
VVDD = +4.5 V, VSS = –4.5 V
On Resistance (RON)4
Ω typ
VS =
±4.5 V, IS = –10 mA,
68
Ω max
Test Circuit 1
On Resistance Match Between
Channels (
∆RON)
0.7
Ω typ
VS =
±4.5 V, IS = –10 mA
1.1
1.35
Ω max
On-Resistance Flatness (RFLAT(ON))
0.7
0.8
Ω typ
VS =
±3.3 V, I
S = –10 mA
1.2
Ω max
LEAKAGE CURRENTS
VDD = +5.5 V, VSS = –5.5 V
Source OFF Leakage IS (OFF)
±0.01
nA typ
VS =
±4.5 V, VD = 4.5 V,
±0.25
±1
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.01
nA typ
VS = VD =
±4.5 V, Test Circuit 3
±0.25
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
CIN, Digital Input Capacitance
2
pF typ
DYNAMIC CHARACTERISTICS2
ADG619
tON
80
ns typ
RL = 300
Ω, CL = 35 pF
120
155
ns max
VS = 3.3 V, Test Circuit 4
tOFF
45
ns typ
RL = 300
Ω, CL = 35 pF
75
90
ns max
VS = 3.3 V, Test Circuit 4
Break-Before-Make Time Delay, tBBM
40
ns typ
RL = 300
Ω, C
L = 35 pF
10
ns min
VS1 = VS2 = 3.3 V, Test Circuit 5
ADG620
tON
40
ns typ
RL = 300
Ω, C
L = 35 pF
65
85
ns max
VS = 3.3 V, Test Circuit 4
tOFF
200
ns typ
RL = 300
Ω, CL = 35 pF
330
400
ns max
VS = 3.3 V, Test Circuit 4
Make-Before-Break Time Delay, tMBB
160
ns typ
RL = 300
Ω, CL = 35 pF
10
ns min
VS = 0 V, Test Circuit 6
Charge Injection
110
pC typ
VS = 0 V, RS = 0
Ω,C
L = 1 nF,
Test Circuit 7
Off Isolation
–67
dB typ
RL = 50
Ω, CL = 5 pF, f = 1 MHz,
Test Circuit 8
Channel-to-Channel Crosstalk
–67
dB typ
RL = 50
Ω, CL = 5 pF, f = 1 MHz,
Test Circuit 10
Bandwidth –3 dB
190
MHz typ
RL = 50
Ω, C
L = 5 pF, Test Circuit 9
CS (OFF)
25
pF typ
f = 1 MHz
CD, CS (ON)
95
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +5.5 V, VSS = –5.5 V
IDD
0.001
µA typ
Digital Inputs = 0 V or 5.5 V
1.0
µA max
ISS
0.001
µA typ
Digital Inputs = 0 V or 5.5 V
1.0
µA max
NOTES
1Temperature ranges are as follows: B Version, –40
°C to +85°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
DUAL SUPPLY1 (V
DD = +5 V
10%, VSS = –5 V
10%, GND = 0 V. All specifications –40 C to +85 C unless otherwise noted.)


Similar Part No. - ADG620BRT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG620BRT-REEL AD-ADG620BRT-REEL Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG620BRT-REEL7 AD-ADG620BRT-REEL7 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG620BRTZ-REEL72 AD-ADG620BRTZ-REEL72 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
More results

Similar Description - ADG620BRT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG621 AD-ADG621 Datasheet
141Kb / 12P
   CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV. 0
ADG619 AD-ADG619_07 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG621BRMZ AD-ADG621BRMZ Datasheet
378Kb / 12P
   CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
REV. B
ADG601 AD-ADG601 Datasheet
132Kb / 8P
   2 ohm CMOS -5 V/5 V, SPST SWITCHES
REV. 0
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
   CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG733 AD-ADG733 Datasheet
177Kb / 11P
   CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV. 0
ADG620 AD-ADG620_15 Datasheet
365Kb / 16P
   Single SPDT Switches
REV. C
ADG619 AD-ADG619_15 Datasheet
365Kb / 16P
   Single SPDT Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com