Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG709BRU Datasheet(PDF) 11 Page - Analog Devices

Part # ADG709BRU
Description  CMOS, 3 ohm Low Voltage 4-/8-Channel Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG709BRU Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG709BRU Datasheet HTML 4Page - Analog Devices ADG709BRU Datasheet HTML 5Page - Analog Devices ADG709BRU Datasheet HTML 6Page - Analog Devices ADG709BRU Datasheet HTML 7Page - Analog Devices ADG709BRU Datasheet HTML 8Page - Analog Devices ADG709BRU Datasheet HTML 9Page - Analog Devices ADG709BRU Datasheet HTML 10Page - Analog Devices ADG709BRU Datasheet HTML 11Page - Analog Devices ADG709BRU Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADG708/ADG709
–11–
REV. 0
OUTPUT
3V
50%
ENABLE
DRIVE (VIN)
50%
0V
V0
tON (EN)
0V
0.9V0
0.9V0
tOFF (EN)
A2
D
* SIMILAR CONNECTION FOR ADG709
A1
A0
EN
GND
ADG708*
S1
S2 THRU S8
VIN
35pF
VDD
VSS
VDD
VSS
VS
300
RL
CL
VOUT
50
Test Circuit 7. Enable Delay, tON (EN), tOFF (EN)
LOGIC INPUT
(VIN)
3V
0V
VOUT
QINJ = CL
VOUT
VOUT
A2
VOUT
VDD
D
A1
A0
EN
GND
ADG708*
CL
1nF
VDD
S
VIN
RS
VSS
VSS
VS
*SIMILAR CONNECTION FOR ADG709
Test Circuit 8. Charge Injection
A2
D
A1
A0
EN**
GND
VDD
VDD
50
RL
VOUT
S1
S8
VSS
VSS
VS
* SIMILAR CONNECTION FOR ADG709
** CONNECT TO 2.4V FOR BANDWIDTH MEASUREMENTS
ADG708*
OFF ISOLATION = 20LOG10
VOUT
VS
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
(
)
INSERTION LOSS = 20LOG10
Test Circuit 9. OFF Isolation and Bandwidth
A2
VOUT
VSS
VDD
D
A1
A0
EN
GND
ADG708*
RL
VSS
VSS
S1
VS
S2
S8
2.4V
50
50
* SIMILAR CONNECTION FOR ADG709
CHANNEL-TO-CHANNEL CROSSTALK = 20LOG10
VOUT
VS
Test Circuit 10. Channel-to-Channel Crosstalk
Power-Supply Sequencing
When using CMOS devices, care must be taken to ensure correct
power-supply sequencing. Incorrect power-supply sequencing
can result in the device being subjected to stresses beyond the
maximum ratings listed in the data sheet. Digital and analog
inputs should always be applied after power supplies and ground.
For single supply operation, VSS should be tied to GND as close
to the device as possible.


Similar Part No. - ADG709BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG709BRU AD-ADG709BRU Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG709BRU AD-ADG709BRU Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
ADG709BRU-REEL AD-ADG709BRU-REEL Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG709BRU-REEL AD-ADG709BRU-REEL Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
ADG709BRU-REEL7 AD-ADG709BRU-REEL7 Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
More results

Similar Description - ADG709BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG709 AD-ADG709_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG709CRUZ AD-ADG709CRUZ Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG708 AD-ADG708_15 Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
logo
Analog Devices
ADG706 AD-ADG706 Datasheet
154Kb / 11P
   CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
REV. 0
AD7501 AD-AD7501 Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com