Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML420PJB153MLZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML420PJB153MLZ
Description  High-Reliability Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML420PJB153MLZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML420PJB153MLZ Datasheet HTML 1Page - Coilcraft lnc. ML420PJB153MLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
These parts are preproduction products for electrical evaluation only.
Specification subject to change without notice.
High-Reliability PowerInductors ML420PJB
Document ML536-1 Revised 06/12/12
Inductance2
DCR max3
SRF (MHz)4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
(Ohms)
min
typ
10% drop 20% drop 30% drop
20°C rise 40°C rise
ML420PJB471MLZ
0.47
0.038
203
290
3.1
3.3
3.4
1.6
2.2
ML420PJB821MLZ
0.82
0.058
136.5
195
2.3
2.5
2.6
1.0
1.2
ML420PJB152MLZ
1.5
0.072
117.6
168
1.7
1.8
1.9
0.72
1.1
ML420PJB222MLZ
2.2
0.100
100.8
144
1.4
1.5
1.6
0.70
1.0
ML420PJB332MLZ
3.3
0.125
73.5
105
1.1
1.2
1.3
0.69
0.88
ML420PJB472MLZ
4.7
0.175
53.2
76
0.95
1.1
1.1
0.68
0.78
ML420PJB562MLZ
5.6
0.240
52.5
75
0.90
0.97
1.00
0.60
0.74
ML420PJB682MLZ
6.8
0.255
49.7
71
0.82
0.90
0.93
0.59
0.68
ML420PJB103MLZ
10
0.350
35.7
51
0.66
0.72
0.74
0.58
0.64
ML420PJB153MLZ
15
0.500
27.3
39
0.55
0.59
0.62
0.54
0.60
ML420PJB223MLZ
22
0.670
22.4
32
0.47
0.51
0.53
0.37
0.50
ML420PJB333MLZ
33
1.05
18.2
26
0.38
0.42
0.43
0.32
0.44
ML420PJB473MLZ
47
1.45
14.0
20
0.31
0.34
0.36
0.26
0.35
ML420PJB683MLZ
68
2.00
10.5
15
0.26
0.29
0.30
0.20
0.28
ML420PJB104MLZ
100
3.10
8.40
12
0.21
0.23
0.24
0.17
0.22
ML420PJB124MLZ
120
3.50
7.70
11
0.20
0.22
0.23
0.15
0.20
ML420PJB154MLZ
150
4.25
6.30
9.0
0.18
0.20
0.21
0.14
0.18
ML420PJB224MLZ
220
6.25
4.90
7.0
0.15
0.16
0.17
0.12
0.16
ML420PJB334MLZ
330
8.60
3.85
5.5
0.12
0.13
0.14
0.10
0.15
ML420PJB474MLZ
470
12.7
3.15
4.5
0.090
0.11
0.11
0.090
0.12
ML420PJB564MLZ
560
15.7
2.80
4.0
0.090
0.10
0.10
0.080
0.11
ML420PJB684MLZ
680
20.0
2.59
3.7
0.090
0.097
0.10
0.070
0.10
ML420PJB105MLZ
1000
28.0
2.10
3.0
0.087
0.096
0.10
0.060
0.090
5010 POWER INDUCTORS
Core material Ferrite
Terminations Silver-palladium-platinum-glass frit
Weight 70 – 75 mg
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 1000/7
″reel
Plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing,
1.02 mm pocket depth
Recommended pick and place nozzle OD: 5 mm; ID:
≤ 2.5 mm
High temperature materials allow operation in ambient
temperatures up to 155°C.
Special construction allows it to pass vibration testing to
80 G and shock testing to 1000 G.
1. When ordering, please specify
testing code:
ML427PJB335MLZ
Testing: Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4192A.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753ES or equivalent.
5. Typical DC current that causes the specified inductance drop from its
value without current.
6. Typical current that causes the specified temperature rise from 25°C
ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - ML420PJB153MLZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ML421 PANASONICBATTERY-ML421 Datasheet
30Kb / 1P
   Manganese Lithium Coin Batteries
logo
Coilcraft lnc.
ML425PJB COILCRAFT-ML425PJB Datasheet
252Kb / 2P
   High-Reliability Power Inductors
ML425PJB102NLZ COILCRAFT-ML425PJB102NLZ Datasheet
252Kb / 2P
   High-Reliability Power Inductors
ML425PJB103MLZ COILCRAFT-ML425PJB103MLZ Datasheet
252Kb / 2P
   High-Reliability Power Inductors
ML425PJB104MLZ COILCRAFT-ML425PJB104MLZ Datasheet
252Kb / 2P
   High-Reliability Power Inductors
More results

Similar Description - ML420PJB153MLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com