Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML413RAA911_LZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML413RAA911_LZ
Description  High-Reliability Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML413RAA911_LZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML413RAA911_LZ Datasheet HTML 1Page - Coilcraft lnc. ML413RAA911_LZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
High-ReliabilityChipInductors ML413RAA
1008 CHIP INDUCTORS
Document ML101-1 Revised 11/06/12
Features high temperature materials that allow operation
in ambient temperatures up to 155°C.
10
100
Frequency (MHz)
1000
10000
100
100
120
90
70
80
60
50
40
30
20
10
0
47 nH
12 nH
330 nH
750 nH
1800 nH
100 nH
Typical Q vs Frequency
Typical L vs Frequency
A max B max C max D ref
E
F
G
H
I
J
0.115
0.110
0.080 0.020 0.080 0.020
0.060 0.100 0.040 0.050
2,92
2,79
2,03
0,51
2,03
0,51
1,52
2,54
1,02
1,27
• HighSRFandexcellentQvalues
• Tighttolerances,manyvaluesat1%
• 28inductancevaluesfrom10nHto1µH
Core material Ceramic
Terminations Silver-palladium-platinum-glassfrit
Ambient temperature –55°C to +125°C with Imaxcurrent,+125°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tapeandreelpackaging:–55°Cto+80°C
Resistance to soldering heat Maxthree40secondreflowsat
+260°C,partscooledtoroomtemperaturebetweencycles
Temperature Coefficient of Inductance (TCL) +25 to +155 ppm/°C
Moisture Sensitivity Level (MSL) 1(unlimitedfloorlifeat<30°C/
85%relativehumidity)
Enhanced crush-resistant packaging 2000 per 7
″ reel
Plastictape: 8mmwide,0.3mmthick,4mmpocketspacing,
2.0mmpocketdepth
Current Derating
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.015/0,38 both ends
I
I
Suggested
Land Pattern
-40
-55
-20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0


Similar Part No. - ML413RAA911_LZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML413RAD COILCRAFT-ML413RAD Datasheet
177Kb / 2P
   High-Reliability Chip Inductors
ML413RAD10N_LZ COILCRAFT-ML413RAD10N_LZ Datasheet
177Kb / 2P
   High-Reliability Chip Inductors
ML413RAD12N_LZ COILCRAFT-ML413RAD12N_LZ Datasheet
177Kb / 2P
   High-Reliability Chip Inductors
ML413RAD18N_LZ COILCRAFT-ML413RAD18N_LZ Datasheet
177Kb / 2P
   High-Reliability Chip Inductors
ML413RAD22N_LZ COILCRAFT-ML413RAD22N_LZ Datasheet
177Kb / 2P
   High-Reliability Chip Inductors
More results

Similar Description - ML413RAA911_LZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS450RAA COILCRAFT-MS450RAA Datasheet
168Kb / 2P
   High-Reliability Chip Inductors
ML450RAB COILCRAFT-ML450RAB Datasheet
171Kb / 2P
   High-Reliability Chip Inductors
ML336RAA COILCRAFT-ML336RAA Datasheet
196Kb / 2P
   High-Reliability Chip Inductors
ML413RAM COILCRAFT-ML413RAM Datasheet
184Kb / 2P
   High-Reliability Chip Inductors
ML450RAA COILCRAFT-ML450RAA Datasheet
165Kb / 2P
   High-Reliability Chip Inductors
MS336RAD COILCRAFT-MS336RAD Datasheet
173Kb / 2P
   High Reliability Chip Inductors
MS376RAA COILCRAFT-MS376RAA Datasheet
183Kb / 2P
   High-Reliability Chip Inductors
ML312RAA COILCRAFT-ML312RAA Datasheet
180Kb / 2P
   High-Reliability Chip Inductors
ML413RAD COILCRAFT-ML413RAD Datasheet
177Kb / 2P
   High-Reliability Chip Inductors
MS450RAB COILCRAFT-MS450RAB Datasheet
169Kb / 2P
   High-Reliability Chip Inductors
ML336RAM COILCRAFT-ML336RAM Datasheet
191Kb / 2P
   High Reliability Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com