Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML561RAU111MLZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML561RAU111MLZ
Description  High-Reliability Air Core Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML561RAU111MLZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML561RAU111MLZ Datasheet HTML 1Page - Coilcraft lnc. ML561RAU111MLZ Datasheet HTML 2Page - Coilcraft lnc. ML561RAU111MLZ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
Inductance2
Q test SRF
DCR
Irms (A)5
±20%
Q3
freq
min4
(mOhm)
20°C 40°C Weight
Part number1
(nH)
min (MHz) (MHz) typ max
rise
rise
(g)
ML561RAU23NMLZ
23.5
70
100
720
1.05 1.20
18.0
26.0
0.49
ML561RAU46NMLZ
46.5
110
100
400
1.50 1.62
17.9
25.5
0.65
ML561RAU79NMLZ
79.0
110
50
400
1.95 2.11
17.8
25.0
0.82
ML561RAU111MLZ
111
120
50
360
2.53 2.73
15.7
22.0
0.98
ML561RAU141MLZ
146
110
50
350
3.08 3.33
14.1
19.3
1.23
ML615RAU22NMLZ
22.0
150
100
640
0.48 0.55
40.5
57.0
2.20
ML615RAU42NMLZ
42.0
160
50
440
0.70 0.77
38.0
52.0
2.70
ML615RAU66NMLZ
66.0
160
50
400
0.90 0.99
35.0
48.0
3.20
ML615RAU90NMLZ
90.0
140
50
320
1.10 1.21
33.0
45.0
3.70
ML615RAU111MLZ
117
140
50
320
1.30 1.43
32.0
44.0
4.20
ML643RAU33NMLZ
33
180
100
790
0.63 0.74
32.5
43.0
1.60
ML643RAU66NMLZ
66
150
50
370
0.90 1.00
31.5
42.5
2.30
ML643RAU111MLZ
108
150
50
300
1.20 1.34
31.0
42.0
3.10
ML643RAU151MLZ
155
150
50
280
1.44 1.60
29.4
39.7
3.60
ML643RAU201MLZ
202
150
50
255
1.70 1.82
26.3
35.8
4.40
ML643RAU251MLZ
257
150
50
245
1.94 2.15
24.9
34.5
5.00
High-Reliability Air Core Inductors
AIR CORE INDUCTORS
Document ML893-1 Revised 06/27/12
1. When ordering, please specify
testing code:
ML643RAU251MLZ
Testing: Z = COTS
H = Screening per Coilcraft
CP-SA-10001
N = Screening per Coilcraft
CP-SA-10003
C = Custom screening (please
specify when ordering)
2. Inductance measured at 1.0 MHz, 0.1 Vrms,
0 A using an Agilent/HP HP4291A imped-
ance analyzer with an Agilent/HP 16193A
test fixture or equivalents.
3. Q measured at specified frequency using
an Agilent/HP 4291A impedance analyzer
or equivalent and a Coilcraft CCF1244 test
fixture.
4. SRF measured using an Agilent/HP 8753
network analyzer or equivalent and a Coilcraft
CCF1199 test fixture.
5. Current that causes the specified tempera-
ture rise from 25°C ambient.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Com-
ponents” before soldering.
Excellent Q factors – up to 180 at 100 MHz!
Current handling as high as 57 Amps
Inductance values from 22 to 257 nH
ML561RAU
ML615RAU
ML643RAU
Terminations RoHS compliant tin-silver over copper
Ambient temperature –55°C to +125°C with Irms current, +125°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)


Similar Part No. - ML561RAU111MLZ

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ML56 NUVOTON-ML56 Datasheet
2Mb / 164P
   1T 8051 8-bit Microcontroller
logo
Coilcraft lnc.
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML563PKA103MLZ COILCRAFT-ML563PKA103MLZ Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML563PKA104MLZ COILCRAFT-ML563PKA104MLZ Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML563PKA122MLZ COILCRAFT-ML563PKA122MLZ Datasheet
699Kb / 2P
   High-Reliability Power Inductors
More results

Similar Description - ML561RAU111MLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML350RAT COILCRAFT-ML350RAT Datasheet
502Kb / 2P
   High-Reliability Air Core Inductors
ML426RAT COILCRAFT-ML426RAT Datasheet
297Kb / 2P
   High-Reliability Air Core Inductors
MS350RAT COILCRAFT-MS350RAT Datasheet
537Kb / 2P
   High-Reliability Air Core Inductors
MS536RAT COILCRAFT-MS536RAT Datasheet
659Kb / 2P
   High-Reliability Air Core Inductors
MS439RAT COILCRAFT-MS439RAT Datasheet
560Kb / 2P
   High-Reliability Air Core Inductors
ML439RAT COILCRAFT-ML439RAT Datasheet
533Kb / 2P
   High-Reliability Air Core Inductors
ML475RAT COILCRAFT-ML475RAT Datasheet
481Kb / 2P
   High-Reliability Air Core Inductors
ML536RAT COILCRAFT-ML536RAT Datasheet
654Kb / 2P
   High-Reliability Air Core Inductors
MS475RAT COILCRAFT-MS475RAT Datasheet
509Kb / 2P
   High-Reliability Air Core Inductors
MS561RAU COILCRAFT-MS561RAU Datasheet
593Kb / 3P
   High-Reliability Air Core Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com