Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0452002.MRL Datasheet(PDF) 2 Page - Littelfuse

Part # 0452002.MRL
Description  Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0452002.MRL Datasheet(HTML) 2 Page - Littelfuse

  0452002.MRL Datasheet HTML 1Page - Littelfuse 0452002.MRL Datasheet HTML 2Page - Littelfuse 0452002.MRL Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
62
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
452/454 Series
NANO> Slo-Blo® > 452/454 Series
Please refer to www.littelfuse.com/series/452.html
or /454.html for current information.
Average Time Current Curves
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
-Temperature Max (T
s(max))
-Time (Min to Max) (t
s)
60 – 120 secs
Average ramp up rate (LiquidusTemp
(T
L) to peak
T
S(max) to TL - Ramp-up Rate
Reflow
-Temperature (T
L) (Liquidus)
-Temperature (t
L)
60 – 90 seconds
PeakTemperature (T
P)
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
Time 25°C to peakTemperature (T
P)
8 minutes max.
Do not exceed
Wave Soldering Parameters
Temperature,
Soldering Parameters
Temperature Rerating Curve
Note:
continuous operation.
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
0.01
0.1
1
10
100
0.1
1
10
100
1000
CURRENT IN AMPS


Similar Part No. - 0452002.MRL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0452002.MR LITTELFUSE-0452002.MR Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
More results

Similar Description - 0452002.MRL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0452002.NRL LITTELFUSE-0452002.NRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0452003.NRL LITTELFUSE-0452003.NRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0454004.MR LITTELFUSE-0454004.MR Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0452001.MR LITTELFUSE-0452001.MR Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0454.500MR LITTELFUSE-0454.500MR Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
045201.5MRL LITTELFUSE-045201.5MRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
045202.5MR LITTELFUSE-045202.5MR Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
045202.5NRL LITTELFUSE-045202.5NRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
045203.5MR LITTELFUSE-045203.5MR Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0452005.NRL LITTELFUSE-0452005.NRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
0452.375MRL LITTELFUSE-0452.375MRL Datasheet
190Kb / 3P
   Surface Mount Fuses NANO2짰 > Slo-Blo짰 > 452/454 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com