Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG723BRM Datasheet(PDF) 8 Page - Analog Devices

Part # ADG723BRM
Description  CMOS Low Voltage 4 ohm Dual SPST Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG723BRM Datasheet(HTML) 8 Page - Analog Devices

  ADG723BRM Datasheet HTML 1Page - Analog Devices ADG723BRM Datasheet HTML 2Page - Analog Devices ADG723BRM Datasheet HTML 3Page - Analog Devices ADG723BRM Datasheet HTML 4Page - Analog Devices ADG723BRM Datasheet HTML 5Page - Analog Devices ADG723BRM Datasheet HTML 6Page - Analog Devices ADG723BRM Datasheet HTML 7Page - Analog Devices ADG723BRM Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADG721/ADG722/ADG723
–8–
REV. 0
APPLICATIONS INFORMATION
The ADG721/ADG722/ADG723 belongs to Analog Devices’
new family of CMOS switches. This series of general purpose
switches have improved switching times, lower on resistance,
higher bandwidths, low power consumption and low leakage
currents.
ADG721/ADG722/ADG723 Supply Voltages
Functionality of the ADG721/ADG722/ADG723 extends from
+1.8 V to +5.5 V single supply, which makes it ideal for battery
powered instruments, where important design parameters are
power efficiency and performance.
It is important to note that the supply voltage effects the input
signal range, the on resistance and the switching times of the
part. By taking a look at the typical performance characteristics
and the specifications, the effects of the power supplies can be
clearly seen.
For VDD = +1.8 V, on resistance is typically 40
Ω over the tem-
perature range.
On Response vs. Frequency
Figure 8 illustrates the parasitic components that affect the ac
performance of CMOS switches (the switch is shown surrounded
by a box). Additional external capacitances will further degrade
some performance. These capacitances affect feedthrough,
crosstalk and system bandwidth.
CDS
S
VIN
CD
CLOAD
RLOAD
D
VOUT
RON
Figure 8. Switch Represented by Equivalent Parasitic
Components
The transfer function that describes the equivalent diagram of
the switch (Figure 8) is of the form (A)s shown below.
A(s)
= R
T
s( RON CDS )
+1
s( RON CT RT )
+1
where:
CT = CLOAD + CD + CDS
RT = RLOAD/(RLOAD + RON)
The signal transfer characteristic is dependent on the switch
channel capacitance, CDS. This capacitance creates a frequency
zero in the numerator of the transfer function A(s). Because the
switch on resistance is small, this zero usually occurs at high
frequencies. The bandwidth is a function of the switch output
capacitance combined with CDS and the load capacitance. The
frequency pole corresponding to these capacitances appears in
the denominator of A(s).
The dominant effect of the output capacitance, CD, causes the
pole breakpoint frequency to occur first. Therefore, in order to
maximize bandwidth a switch must have a low input and
output capacitance and low on resistance. The On Response
vs. Frequency plot for the ADG721/ADG722/ADG723 can
be seen in Figure 7.
Off Isolation
Off isolation is a measure of the input signal coupled through an
off switch to the switch output. The capacitance, CDS, couples
the input signal to the output load, when the switch is off as
shown in Figure 9.
CDS
S
VIN
CD
CLOAD
RLOAD
D
VOUT
Figure 9. Off Isolation Is Affected by External Load Resis-
tance and Capacitance
The larger the value of CDS, larger values of feedthrough will be
produced. The typical performance characteristic graph of Fig-
ure 5 illustrates the drop in off isolation as a function of fre-
quency. From dc to roughly 1 MHz, the switch shows better
than –80 dB isolation. Up to frequencies of 10 MHz, the off
isolation remains better than –60 dB. As the frequency increases,
more and more of the input signal is coupled through to the
output. Off isolation can be maximized by choosing a switch
with the smallest CDS as possible. The values of load resistance
and capacitance also affect off isolation, as they contribute to
the coefficients of the poles and zeros in the transfer function of
the switch when open.
A(s)
=
s( RLOAD CDS )
s( RLOAD )(CLOAD
+ C
D
+ C
DS )
+1
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead
SOIC
(RM-8)
8
5
4
1
0.122 (3.10)
0.114 (2.90)
0.199 (5.05)
0.187 (4.75)
PIN 1
0.0256 (0.65) BSC
0.122 (3.10)
0.114 (2.90)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.018 (0.46)
0.008 (0.20)
0.043 (1.09)
0.037 (0.94)
0.120 (3.05)
0.112 (2.84)
0.011 (0.28)
0.003 (0.08)
0.028 (0.71)
0.016 (0.41)
33°
27°
0.120 (3.05)
0.112 (2.84)


Similar Part No. - ADG723BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG723BRM AD-ADG723BRM Datasheet
274Kb / 16P
   CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
ADG723BRM-REEL AD-ADG723BRM-REEL Datasheet
274Kb / 16P
   CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
ADG723BRM-REEL7 AD-ADG723BRM-REEL7 Datasheet
274Kb / 16P
   CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
ADG723BRMZ AD-ADG723BRMZ Datasheet
274Kb / 16P
   CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
ADG723BRMZ-REEL AD-ADG723BRMZ-REEL Datasheet
274Kb / 16P
   CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
More results

Similar Description - ADG723BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG711 AD-ADG711 Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
ADG801 AD-ADG801 Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
ADG621 AD-ADG621 Datasheet
141Kb / 12P
   CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV. 0
logo
Maxim Integrated Produc...
MAX4641 MAXIM-MAX4641 Datasheet
198Kb / 10P
   High-Speed, Low-Voltage, 4?? Dual SPST CMOS Analog Switches
Rev 1; 2/02
MAX4645 MAXIM-MAX4645 Datasheet
202Kb / 11P
   Fast, Low-Voltage, 2.5-ohm, SPST, CMOS Analog Switches
Rev 1; 7/00
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
   Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
logo
Analog Devices
ADG711BRZ AD-ADG711BRZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com