Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGN-365A01Q-17-2M1S Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # HGN-365A01Q-17-2M1S
Description  IEC 60320 INLET SOCKET WITH SINGLE OR DOUBLE FUSE HOLDER, SNAP-IN OR FLANGE MOUNT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

HGN-365A01Q-17-2M1S Datasheet(HTML) 1 Page - PowerDynamics, Inc

  HGN-365A01Q-17-2M1S Datasheet HTML 1Page - PowerDynamics, Inc HGN-365A01Q-17-2M1S Datasheet HTML 2Page - PowerDynamics, Inc HGN-365A01Q-17-2M1S Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice. Dimensions (mm). See Appendix A for
recommended power cord. See PDI full line catalog for detailed specifications on power cords.
IEC 60320 INLET SOCKET WITH SINGLE OR DOUBLE FUSE HOLDER,
SNAP-IN OR FLANGE MOUNT
HGN-365A
MECHANICAL DIMENSIONS
FEATURES
The HGN-365A filter series offers a wide variety of options
with a current rating up to 10A, 250VAC. This power entry
module offers industry standard 5 x 20mm fuse/s with IEC
connector. This series offers an option of having a single or
double fuse in the same package. These filters are also used
for health care equipment and offer extremely low leakage
current to comply with UL544 & 2602.
A Ground Choke can be added to enhance the grounding
ability of the circuit. A bleeder resistor can also be added to
prevent excessive voltages from developing across the filter
capacitors when there is no load.
APPLICATIONS
Computer & networking equipment, Measuring & control
equipment, Data processing equipment, laboratory instruments,
Switching power supplies, other electronic equipment.
TECHNICAL DATA
Rated Voltage: 115/250VAC
Rated Current: 1A, 2A, 3A, 4A, 6A, 8A, 10A
Power Line Frequency: 50/60Hz
Max. Leakage Current each
Line to Ground:
@ 115VAC 60Hz: 0.5mA
@ 250VAC 50Hz: 1.0mA
@ 115VAC 60Hz: 2µA*
@ 250VAC 50Hz: 5µA*
Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
Temperature Range: -25C to +85C
* Medical application
Panel Thickness 1mm to 1.6mm
(Unit: mm)
Use only with a 250V Fuse
31.0
33.0
35.0
30.8
28.3
33.0
36.0
44.0
28.3
31.0
2x
3.6
2x
6
Use only with a 250V Fuse
28.5
32.3
SUGGESTED PANEL CUTOUT
(MOUNTING FROM FRONT)
THICKNESS OF PANEL IS FROM
1.00mm to 1.6mm
27.8
6.3
(58.4)
48.5
42.6
31.0
RECOMMENDED
PANEL CUTOUT
(MOUNTING FROM FRONT)
2x 3.6
36.0
28.0 Max
32.4 Typ.
27.8
6.3
(58.4)
48.5
42.6
31.0
SNAP-IN
FLANGE MOUNT
70
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - HGN-365A01Q-17-2M1S

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-365-1M-F1 POWERDYNAMICS-HGN-365-1M-F1 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-365-1M-F2 POWERDYNAMICS-HGN-365-1M-F2 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-365-2M-F1 POWERDYNAMICS-HGN-365-2M-F1 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-365-2M-F2 POWERDYNAMICS-HGN-365-2M-F2 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
More results

Similar Description - HGN-365A01Q-17-2M1S

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375 POWERDYNAMICS-HGN-375 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-337 POWERDYNAMICS-HGN-337 Datasheet
250Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH AND A FUSE HOLDER, SNAP-IN MOUNT
42R33-3X2X-XXX POWERDYNAMICS-42R33-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 SINGLE FUSE HOLDER APPL. INLET; SOLDER TERMINALS; SNAP-IN
42R31-3X1X-XXX POWERDYNAMICS-42R31-3X1X-XXX Datasheet
48Kb / 1P
   IEC 60320 SINGLE FUSE HOLDER APPL. INLET; SCREW TERMINALS; SNAP-IN
HGN-339 POWERDYNAMICS-HGN-339 Datasheet
401Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-341 POWERDYNAMICS-HGN-341 Datasheet
446Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT
PB01Q-50-1C POWERDYNAMICS-PB01Q-50-1C Datasheet
351Kb / 3P
   STRAIGHT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
42R32-3XXX-XXX POWERDYNAMICS-42R32-3XXX-XXX Datasheet
42Kb / 1P
   IEC 60320 SINGLE FUSE HOLDER APPL. INLET; QUICK CONNECT TERMINALS; SNAP-IN
42R31-1X1X POWERDYNAMICS-42R31-1X1X Datasheet
46Kb / 1P
   IEC 60320 SINGLE FUSE HOLDER APPL. INLET SCREW TERMINALS; SIDE FLANGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com