Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM1A103G4023R Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # TSM1A103G4023R
Description  NTC Thermistors SMD Thermistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

TSM1A103G4023R Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  TSM1A103G4023R Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION TSM1A103G4023R Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION TSM1A103G4023R Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
Safety
Approvals
Zero Power
Resistance
at 25°C
Tolerance
of
R25
B
Value
Tolerance
of
B value
Max.
Power
Rating
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
Part No.
R25(K )
( ±%)
(K)
(±%)
Pmax(mW)
(mW/°C)
(Sec.)
TL~TU(°C)
UL
TSM0A103^34D*
10
3435
TSM0A103^391*
10
3910
TSM0A223^393*
22
3930
TSM0A333^393*
33
3930
TSM0A473^393*
47
3930
TSM0A503^395*
50
3950
TSM0A683^405*
68
4050
TSM0A104^39H*
100
3975
TSM0A224^405*
220
4050
TSM0A474^409*
470
1 2 3
5 10
25/85
4090
1 2 3
TSM0B474^470*
470
5 10
25/50 4700
2 3
170
Approx.
1.7
Approx.
2
-40 ~ +125
TSM1A202^340*
2
3400
TSM1A222^34D*
2.2
1 2 3
5 10
25/85
3435
TSM1B222^395*
2.2
5 10
25/50 3950
TSM1A472^34D*
4.7
3435
TSM1A472^367*
4.7
3670
TSM1A502^34D*
5
3435
TSM1A682^34D*
6.8
1 2 3
5 10
3435
TSM1A682^430*
6.8
5 10
4300
TSM1A103^34D*
10
3435
TSM1A103^39H*
10
25/85
3975
TSM1B103^425*
10
25/50 4250
TSM1A123^380*
12
3800
TSM1A153^395*
15
3950
TSM1A223^39H*
22
3975
TSM1A333^39H*
33
3975
TSM1A473^39H*
47
3975
TSM1A503^39H*
50
3975
TSM1A683^39H*
68
3975
TSM1A104^405*
100
25/85
4050
TSM1B104^425*
100
25/50 4250
TSM1A104^436*
100
4360
TSM1A154^406*
150
4060
TSM1A204^410*
200
4100
TSM1A224^410*
220
4100
TSM1A334^415*
330
4150
TSM1A474^410*
470
25/85
4100
TSM1B474^446*
470
1 2 3
5 10
25/50 4460
1 2 3
210
Approx
2.1
Approx
3.1
-40~+125
Note 1: ^ = Tolerance of R25
Note 2: * = Tolerance of B value
*Special specification are available upon request
MERITEK
NTC Thermistors
TSM Series
SMD Thermistors


Similar Part No. - TSM1A103G4023R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM100 STMICROELECTRONICS-TSM100 Datasheet
55Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER AND SINGLE COMPARATOR
logo
StarHope
TSM100 SPSEMI-TSM100 Datasheet
826Kb / 2P
   Surface Mount Devices
logo
STMicroelectronics
TSM100I STMICROELECTRONICS-TSM100I Datasheet
55Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER AND SINGLE COMPARATOR
TSM100ID STMICROELECTRONICS-TSM100ID Datasheet
55Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER AND SINGLE COMPARATOR
logo
Taiwan Semiconductor Co...
TSM100N06 TSC-TSM100N06 Datasheet
611Kb / 6P
   60V N-Channel Power MOSFET
More results

Similar Description - TSM1A103G4023R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
logo
AVX Corporation
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG062QH300JTB TDK-NTCG062QH300JTB Datasheet
370Kb / 27P
   NTC Thermistors SMD
logo
AVX Corporation
NB21K00103MBB AVX-NB21K00103MBB Datasheet
235Kb / 5P
   NTC SMD Thermistors
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com