Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG729BRU Datasheet(PDF) 5 Page - Analog Devices

Part # ADG729BRU
Description  CMOS, Low-Voltage, 2-Wire Serially-Controlled, Matrix Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG729BRU Datasheet(HTML) 5 Page - Analog Devices

  ADG729BRU Datasheet HTML 1Page - Analog Devices ADG729BRU Datasheet HTML 2Page - Analog Devices ADG729BRU Datasheet HTML 3Page - Analog Devices ADG729BRU Datasheet HTML 4Page - Analog Devices ADG729BRU Datasheet HTML 5Page - Analog Devices ADG729BRU Datasheet HTML 6Page - Analog Devices ADG729BRU Datasheet HTML 7Page - Analog Devices ADG729BRU Datasheet HTML 8Page - Analog Devices ADG729BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADG728/ADG729
–5–
REV. 0
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADG728BRU
–40
°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-16
ADG729BRU
–40
°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-16
PIN FUNCTION DESCRIPTIONS
ADG728
ADG729
Mnemonic
Function
1
1
SCL
Serial Clock Line. This is used in conjunction with the SDA line to clock data into
the 8-bit input shift register. Clock rates of up to 400 kbit/s can be accommodated
with this 2-wire serial interface.
2
RESET
Active low control input that clears the input register and turns all switches to the
OFF condition.
3
3
SDA
Serial Data Line. This is used in conjunction with the SCL line to clock data into
the 8-bit input shift register during the write cycle and used to read back 1 byte of
data during the read cycle. It is a bidirectional open-drain data line which should be
pulled to the supply with an external pull-up resistor.
4, 5, 6, 7
4, 5, 6, 7
Sxx
Source. May be an input or output.
8
8, 9
Dx
Drain. May be an input or output.
9, 10, 11, 12
10, 11, 12, 13
Sxx
Source. May be an input or output.
13
14
VDD
Power Supply Input. These parts can be operated from a supply of 2.7 V to 5.5 V.
14
15
GND
Ground Reference.
15
2
A1
Address Input. Sets the second least significant bit of the 7-bit slave address.
16
16
A0
Address Input. Sets the least significant bit of the 7-bit slave address.
ADG729
SCL
S2A
S3A
S4A
S1A
DA
1
2
16
15
5
6
7
12
11
10
3
4
14
13
8
9
TOP VIEW
(Not to Scale)
A1
GND
VDD
SDA
ADG729
A0
S2B
S3B
S4B
S1B
DB
ADG728
SCL
RESET
S2
S3
S4
S1
D
1
2
16
15
5
6
7
12
11
10
3
4
14
13
8
9
TOP VIEW
(Not to Scale)
A1
S5
S6
S7
GND
VDD
S8
SDA
ADG728
A0
PIN CONFIGURATIONS


Similar Part No. - ADG729BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG729BRU AD-ADG729BRU Datasheet
360Kb / 13P
   CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
REV. C
ADG729BRU-REEL AD-ADG729BRU-REEL Datasheet
360Kb / 13P
   CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
REV. C
ADG729BRU-REEL7 AD-ADG729BRU-REEL7 Datasheet
360Kb / 13P
   CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
REV. C
ADG729BRUZ AD-ADG729BRUZ Datasheet
360Kb / 13P
   CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
REV. C
ADG729BRUZ-REEL7 AD-ADG729BRUZ-REEL7 Datasheet
360Kb / 13P
   CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
REV. C
More results

Similar Description - ADG729BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG729BRUZ AD-ADG729BRUZ Datasheet
360Kb / 13P
   CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
REV. C
ADG738 AD-ADG738 Datasheet
156Kb / 12P
   CMOS, Low-Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG739BRUZ AD-ADG739BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
ADG738BRUZ AD-ADG738BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
ADG714 AD-ADG714_13 Datasheet
188Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG714 AD-ADG714 Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
   Serially Controlled Audio/Video Switches
Rev 0; 8/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com