Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG732BCP Datasheet(PDF) 7 Page - Analog Devices

Part # ADG732BCP
Description  16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG732BCP Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG732BCP Datasheet HTML 3Page - Analog Devices ADG732BCP Datasheet HTML 4Page - Analog Devices ADG732BCP Datasheet HTML 5Page - Analog Devices ADG732BCP Datasheet HTML 6Page - Analog Devices ADG732BCP Datasheet HTML 7Page - Analog Devices ADG732BCP Datasheet HTML 8Page - Analog Devices ADG732BCP Datasheet HTML 9Page - Analog Devices ADG732BCP Datasheet HTML 10Page - Analog Devices ADG732BCP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ADG726/ADG732
–7–
REV. PrD
PRELIMINARY TECHNICAL DATA
Table 2. ADG732 Truth Table
A4
A3
A2
A1
A0
EN C S W R
Switch Condition
X
X
XXXX1
L->H
Retains previous switch condition
X
X
XXXX1
X
No Change in Switch Condition
X
X
X
X
X
1
0
0
NONE
0
0
000000
1
0
0
001000
2
0
0
010000
3
0
0
011000
4
0
0
100000
5
0
0
101000
6
0
0
110000
7
0
0
111000
8
0
1
000000
9
0
1
001000
10
0
1
010000
11
0
1
011000
12
0
1
100000
13
0
1
101000
14
0
1
110000
15
0
1
111000
16
1
0
000000
17
1
0
001000
18
1
0
010000
19
1
0
011000
20
1
0
100000
21
1
0
101000
22
1
0
110000
23
1
0
111000
24
1
1
000000
25
1
1
001000
26
1
1
010000
27
1
1
011000
28
1
1
100000
29
1
1
101000
30
1
1
110000
31
1
1
111000
32
X = Don’t Care
Table 1. ADG726 Truth Table
A3
A2
A1
A0
E N CSA
C S B
W R
ON Switch
X
X
X
X
X
1
1
L->H
Retains previous switch condition
X
X
X
X
X
1
1
X
No Change in Switch condition
X
X
X
X
1
0
0
0
NONE
0
0
0
0
0
0
0
0
S1A - DA, S1B - DB
0
0
0
1
0
0
0
0
S2A - DA, S2B - DB
0
0
1
0
0
0
0
0
S3A - DA, S3B - DB
0
0
1
1
0
0
0
0
S4A - DA, S4B - DB
0
1
0
0
0
0
0
0
S5A - DA, S5B - DB
0
1
0
1
0
0
0
0
S6A - DA, S6B - DB
0
1
1
0
0
0
0
0
S7A - DA, S7B - DB
0
1
1
1
0
0
0
0
S8A - DA, S8B - DB
1
0
0
0
0
0
0
0
S9A - DA, S9B - DB
1
0
0
1
0
0
0
0
S10A - DA, S10B - DB
1
0
1
0
0
0
0
0
S11A - DA, S11B - DB
1
0
1
1
0
0
0
0
S12A - DA, S12B - DB
1
1
0
0
0
0
0
0
S13A - DA, S13B - DB
1
1
0
1
0
0
0
0
S14A - DA, S14B - DB
1
1
1
0
0
0
0
0
S15A - DA, S15B - DB
1
1
1
1
0
0
0
0
S16A - DA, S16B - DB


Similar Part No. - ADG732BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG732BCP AD-ADG732BCP Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BCP AD-ADG732BCP Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
More results

Similar Description - ADG732BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG725 AD-ADG725 Datasheet
270Kb / 15P
   16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
REV. PrD May 2002
ADG726 AD-ADG726_02 Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG726BSUZ AD-ADG726BSUZ Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BSUZ AD-ADG732BSUZ Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG725 AD-ADG725_03 Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BSUZ AD-ADG731BSUZ Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BCPZ AD-ADG731BCPZ Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725 AD-ADG725_V01 Datasheet
285Kb / 17P
   16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
Rev. B
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG706BRUZ AD-ADG706BRUZ Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com