Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOD4005 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # SOD4005
Description  For surface mount applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

SOD4005 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  SOD4005 Datasheet HTML 1Page - DIOTEC Electronics Corporation SOD4005 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOD4001 THRU SOD4007
SURFACE MOUNT GENERAL RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
PART NUMBERS
PARAMETERS
SYMBOL SOD
4001
A1
SOD
4002
A2
SOD
4003
A3
SOD
4004
A4
SOD
4005
A5
SOD
4006
A6
SOD
4007
A7
UNITS
TESTING
CONDITIONS
Recurrent Peak
Reverse Voltage (Max.)
VRRM
50
100
200
400
600
800
1000
V
RMS Voltage (Max.)
VRMS
35
70
140
280
420
560
700
V
Reverse Voltage (Max.)
VR
50
100
200
400
600
800
1000
V
Forward Voltage (Max.)
VF
1.10
V
IF = 1 A
Average Forward
Rectified Current (Max.)
IO
1.0
A
See Fig.2
Peak Forward Surge Current
IFSM
25
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
5.0
VR=VRRM, Ta=25°C
DC Reverse Current at
Rated DC Blocking Voltage (Max.)
IR
50
µ
A
VR=VRRM, Ta=125°C
Junction – Ambient
Thermal Resistance (Typ.)
RθJA
20
°C/W
Junction Capacitance (Typ.)
CJ
15
pF
f=1MHz and applied
4V DC reverse voltage
Storage and Operating
Temperature Range
TSTG, TJ
-55 ~ 150, -55 to 150
°C
● Plastic package has Underwriters Laboratory
● Flammability classification 94V-0 Utilizing Fame
● Retardant Epoxy Molding Compound
● For surface mount applications
● Low leakage current.
FEATURES
MECHANICAL DATA
Case: SOD-123, Molded Plastic
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.017 grams
Marking Code
SOD-123FL
Dimensions in inches and (millimeters)
2.8 0.1
Cathode Band
Top View
3.7 0.2
0.6 0.25


Similar Part No. - SOD4005

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SOD4005 MCC-SOD4005 Datasheet
101Kb / 3P
   1 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
SHIKUES Electronics
SOD4005 SKTECHNOLGY-SOD4005 Datasheet
415Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
Galaxy Semi-Conductor H...
SOD4005 BILIN-SOD4005 Datasheet
230Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
First Silicon Co., Ltd
SOD4005 FS-SOD4005 Datasheet
122Kb / 2P
   SUFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Diotech Company.
SOD4005 DIOTECH-SOD4005 Datasheet
749Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - SOD4005

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK32AFL MCC-SK32AFL Datasheet
521Kb / 4P
   For Surface Mount Applications
logo
Fairchild Semiconductor
KSH127 FAIRCHILD-KSH127 Datasheet
57Kb / 6P
   D-PAK for Surface Mount Applications
MJD200 FAIRCHILD-MJD200 Datasheet
45Kb / 5P
   D-PAK for Surface Mount Applications
KSH117I FAIRCHILD-KSH117I Datasheet
63Kb / 6P
   D-PAK for Surface Mount Applications
KSH210 FAIRCHILD-KSH210 Datasheet
52Kb / 6P
   D-PAK for Surface Mount Applications
KSH112TM FAIRCHILD-KSH112TM Datasheet
62Kb / 6P
   D-PAK for Surface Mount Applications
MJD112 FAIRCHILD-MJD112 Datasheet
51Kb / 5P
   D-PAK for Surface Mount Applications
KSH122I FAIRCHILD-KSH122I Datasheet
62Kb / 6P
   D-PAK for Surface Mount Applications
KSH122 FAIRCHILD-KSH122 Datasheet
57Kb / 6P
   D-PAK for Surface Mount Applications
KSH200 FAIRCHILD-KSH200 Datasheet
52Kb / 6P
   D-PAK for Surface Mount Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com