Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS319PZA151MSZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MS319PZA151MSZ
Description  High-Reliability Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS319PZA151MSZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  MS319PZA151MSZ Datasheet HTML 1Page - Coilcraft lnc. MS319PZA151MSZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
2005 POWER INDUCTORS
Inductance2
DCR (Ohms)3
SRF typ4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
nom
max
(MHz)
10% drop 20% drop 30% drop
20°C rise 40°C rise
MS319PZA151MSZ
0.15
0.085
0.098
590
1.05
1.55
1.90
1.25
1.60
MS319PZA221MSZ
0.22
0.111
0.128
480
0.72
1.20
1.50
1.13
1.48
MS319PZA331MSZ
0.33
0.144
0.166
380
0.65
1.05
1.30
1.00
1.30
MS319PZA471MSZ
0.47
0.177
0.204
275
0.60
0.97
1.20
0.95
1.25
MS319PZA681MSZ
0.68
0.215
0.247
220
0.50
0.75
0.95
0.80
1.05
Dimensions are in
inches
mm
High-ReliabilityPowerInductorsMS319PZA
Core material Composite
Terminations Tin-lead (63/37) over tin over nickel over silver-platinum.
Weight 8.4 mg
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 2000/7
″reel
Plastic tape: 8 mm wide, 0.28 mm thick, 4 mm pocket spacing,
0.76 mm pocket depth
High temperature material allows operation in ambient
temperatures up to 155°C
Tin-lead (Sn-Pb) termination for the best possible board
adhesion
Lowest profile, ultra-miniature, magnetically shielded
power inductor; only 0.5 mm high, 2 mm × 2 mm footprint
Soft saturation makes them ideal for VRM/VRD applications.
Special construction allows it to pass vibration testing to
80 G and shock testing to 1000 G.
1. When ordering, please specify
testing code:
MS319PZA681MSZ
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4395A or equivalent.
5. DC current at which the inductance drops the specified amount from its
value without current.
6. Current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Document MS779-1 Revised 04/18/12
0.079 ±0.008
2,0 ±0,2
0.075 ±0.008
1,9 ±0,2
0.020
0,50
max
Recommended
Land Pattern
0.057
1,45
0.087
2,2
0.041
1,04
0.069
1,75
0.014
0,35
0.030
0,75
min
max
max
Suggested
Land Pattern


Similar Part No. - MS319PZA151MSZ

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MS31 MICRO-ELECTRONICS-MS31 Datasheet
47Kb / 1P
   RED LED LAMPS
logo
Microsemi Corporation
MS310 MICROSEMI-MS310 Datasheet
89Kb / 2P
   3 Amp Schottky Rectifier
logo
List of Unclassifed Man...
MS310 ETC2-MS310 Datasheet
233Kb / 2P
   Power Film Resistors
logo
Zibo Seno Electronic En...
MS310 ZSELEC-MS310 Datasheet
136Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
logo
Caddock Electronics, In...
MS310 CADDOCK-MS310 Datasheet
400Kb / 2P
   Type MS Power Film Resistors
More results

Similar Description - MS319PZA151MSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com