Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS338PWA152MSZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MS338PWA152MSZ
Description  High Reliability Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS338PWA152MSZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  MS338PWA152MSZ Datasheet HTML 1Page - Coilcraft lnc. MS338PWA152MSZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
Document MS646-1 Revised 06/28/12
Inductance2
DCR (Ohms)3
SRF (MHz)4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
nom
max
min
typ
10% drop 20% drop 30% drop
20°C rise 40°C rise
MS338PWA201MSZ
0.20
0.024
0.027
286
408
2.80
3.45
3.75
2.2
2.8
MS338PWA331MSZ
0.33
0.031
0.035
216
309
1.90
2.75
3.05
1.9
2.6
MS338PWA501MSZ
0.50
0.040
0.045
153
218
1.80
2.35
2.64
1.7
2.3
MS338PWA681MSZ
0.68
0.057
0.063
106
152
1.55
1.95
2.19
1.5
2.1
MS338PWA821MSZ
0.82
0.068
0.075
93
132
1.25
1.65
1.90
1.3
1.7
MS338PWA102MSZ
1.0
0.081
0.089
82
117
1.20
1.60
1.80
1.1
1.6
MS338PWA152MSZ
1.5
0.105
0.116
56
80
0.950
1.30
1.50
1.0
1.4
MS338PWA222MSZ
2.2
0.156
0.173
53
75
0.940
1.20
1.35
0.96
1.3
MS338PWA332MSZ
3.3
0.207
0.228
39
55
0.700
0.925
1.05
0.79
1.1
MS338PWA472MSZ
4.7
0.336
0.370
28
40
0.580
0.750
0.845
0.74
1.0
MS338PWA682MSZ
6.8
0.421
0.463
23
33
0.450
0.620
0.725
0.64
0.87
MS338PWA822MSZ
8.2
0.457
0.503
21
30
0.440
0.600
0.670
0.55
0.75
MS338PWA103MSZ
10
0.555
0.611
20
28
0.390
0.525
0.610
0.49
0.66
Weight 20 mg
Terminations Tin-lead (63/37) over tin over nickel over silver.
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 1000/7
″reel
Plastic tape: 8 mm wide, 0.23 mm thick, 4 mm pocket spacing,
1.19 mm pocket depth
High temperature materials allow operation in ambient
temperatures up to 155°C
Very low DCR and excellent current handling.
Soft saturation makes them ideal for VRM/VRD applications.
Tin-lead (Sn-Pb) termination for the best possible board
adhesion
Special construction allows it to pass vibration testing to
30 G and shock testing to 500 G.
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4395A or equivalent.
5. DC current at which the inductance drops the specified amount from its
value without current.
6. Current that causes the specified temperature rise fron 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
HighReliabilityPowerInductorsMS338PWA
2010 POWER INDUCTORS
1. When ordering, please specify
testing code:
MS338PWA224MSZ
Testing: Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004


Similar Part No. - MS338PWA152MSZ

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS3383 ADPOW-MS3383 Datasheet
96Kb / 3P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
More results

Similar Description - MS338PWA152MSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com