Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG779BKS Datasheet(PDF) 5 Page - Analog Devices

Part # ADG779BKS
Description  CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG779BKS Datasheet(HTML) 5 Page - Analog Devices

  ADG779BKS Datasheet HTML 1Page - Analog Devices ADG779BKS Datasheet HTML 2Page - Analog Devices ADG779BKS Datasheet HTML 3Page - Analog Devices ADG779BKS Datasheet HTML 4Page - Analog Devices ADG779BKS Datasheet HTML 5Page - Analog Devices ADG779BKS Datasheet HTML 6Page - Analog Devices ADG779BKS Datasheet HTML 7Page - Analog Devices ADG779BKS Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADG779
–5–
REV. 0
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
5.0
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
4.5
4.0
3.5
3.0
2.5
2.0
VDD = 2.7V
VDD = 3.0V
VDD = 4.5V
VDD = 5.0V
1.5
1.0
0.5
TA = 25 C
6.0
5.5
TPC 1. On Resistance as a Function of VD (VS) Single
Supplies
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
5.0
0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
5.5
6.0
0
3.0
0.5
1.0
1.5
2.0
2.5
VDD = 3V
+85 C
+25 C
–40 C
TPC 2. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = 3 V
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
3.5
4.0
4.5
VDD = 5V
5.0
4.5
4.0
+85 C
–40 C
+25 C
6.0
5.5
TPC 3. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = 5 V
Typical Performance Characteristics–
TEMPERATURE – C
0.15
0.10
–0.05
090
10
20
30
40
50
60
70
80
0.05
0
ID, IS (ON)
IS (OFF)
VDD = 5V
VD = 4.5V/1V
VS = 1V/4.5V
TPC 4. Leakage Currents as a Function of Temperature
TEMPERATURE – C
0.15
0.10
–0.05
090
10
20
30
40
50
60
70
80
0.05
0
ID, IS (ON)
IS (OFF)
VDD = 3V
VD = 3V/1V
VS = 1V/3V
TPC 5. Leakage Currents as a Function of Temperature
FREQUENCY – Hz
1n
10
100
1k
10k
100k
1M
10M
100M
10n
100n
1
10
100
1m
10m
1
VDD = 5V
TPC 6. Supply Current vs. Input Switching Frequency


Similar Part No. - ADG779BKS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG779BKS-R2 AD-ADG779BKS-R2 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG779BKS-REEL AD-ADG779BKS-REEL Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG779BKS-REEL7 AD-ADG779BKS-REEL7 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG779BKSZ-R22 AD-ADG779BKSZ-R22 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG779BKSZ-REEL2 AD-ADG779BKSZ-REEL2 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
More results

Similar Description - ADG779BKS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG779 AD-ADG779_15 Datasheet
285Kb / 12P
   SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG719 AD-ADG719_10 Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG859 AD-ADG859 Datasheet
278Kb / 16P
   1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
REV. 0
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
   2:1 Mux/SPDT Switch in SC70 Package
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com