Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG788 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG788
Description  2.5ohm, 1.8V to 5.5V, -2.5 V Triple/Quad SPDT Switches in Chip Scale Packages
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG788 Datasheet(HTML) 4 Page - Analog Devices

  ADG788 Datasheet HTML 1Page - Analog Devices ADG788 Datasheet HTML 2Page - Analog Devices ADG788 Datasheet HTML 3Page - Analog Devices ADG788 Datasheet HTML 4Page - Analog Devices ADG788 Datasheet HTML 5Page - Analog Devices ADG788 Datasheet HTML 6Page - Analog Devices ADG788 Datasheet HTML 7Page - Analog Devices ADG788 Datasheet HTML 8Page - Analog Devices ADG788 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
–4–
ADG786/ADG788–SPECIFICATIONS1
DUAL SUPPLY
B Version
–40 C
Parameter
+25 C
to +85 C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
On Resistance (RON)
2.5
Ω typ
VS = VSS to VDD, IDS = 10 mA;
4.5
5.0
Ω max
Test Circuit 1
On-Resistance Match between
0.1
Ω typ
VS = VSS to VDD, IDS = 10 mA
Channels (
∆R
ON)
0.4
Ω max
On-Resistance Flatness (RFLAT(ON))
0.5
Ω typ
VS = VSS to VDD, IDS = 10 mA
1.2
Ω max
LEAKAGE CURRENTS
VDD = +2.75 V, VSS = –2.75 V
Source OFF Leakage IS (OFF)
±0.01
nA typ
VS = +2.25 V/–1.25 V, VD = –1.25 V/+2.25 V;
±0.1
±0.3
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.01
nA typ
VS = VD = +2.25 V/–1.25 V, Test Circuit 3
±0.1
±0.5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
1.7
V min
Input Low Voltage, VINL
0.7
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
CIN, Digital Input Capacitance
4
pF typ
DYNAMIC CHARACTERISTICS2
tON
21
ns typ
RL = 300
Ω, C
L = 35 pF;
35
ns max
VS1A = 1.5 V, VS1B = 0 V, Test Circuit 4
tOFF
10
ns typ
RL = 300 Ω, CL = 35 pF;
16
ns max
VS = 1.5 V, Test Circuit 4
ADG786
tON(EN)
21
ns typ
RL = 300
Ω, C
L = 35 pF;
40
ns max
VS = 1.5 V, Test Circuit 5
tOFF(EN)
10
ns typ
RL = 300
Ω, C
L = 35 pF;
16
ns max
VS = 1.5 V, Test Circuit 5
Break-Before-Make Time Delay, tD
13
ns typ
RL = 300 Ω, CL = 35 pF;
1
ns min
VS = 1.5 V, Test Circuit 6
Charge Injection
±5
pC typ
VS = 0 V, RS = 0
Ω, C
L = 1 nF;
Test Circuit 7
Off Isolation
–72
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz;
Test Circuit 8
Channel-to-Channel Crosstalk
–67
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
Test Circuit 9
–3 dB Bandwidth
160
MHz typ
RL = 50
Ω, C
L = 5 pF, Test Circuit 10
CS (OFF)
11
pF typ
f = 1 MHz
CD, CS (ON)
34
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +2.75 V
IDD
0.001
µA typ
Digital Inputs = 0 V or 2.75 V
1.0
µA max
ISS
0.001
µA typ
VSS = –2.75 V
1.0
µA max
Digital Inputs = 0 V or 2.75 V
NOTES
1Temperature range is as follows: B Version: –40
°C to +85°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
(VDD = +2.5 V
10%, VSS = –2.5 V
10%, GND = 0 V, unless otherwise noted.)


Similar Part No. - ADG788

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG788BCPZ AD-ADG788BCPZ Datasheet
175Kb / 11P
   2.5ohm, 1.8V to 5.5V, 2.5V, -2.5V Triple/Quad SPDT Switches in Chip Scale Packages
REV. A
ADG788BCPZ-REEL AD-ADG788BCPZ-REEL Datasheet
175Kb / 11P
   2.5ohm, 1.8V to 5.5V, 2.5V, -2.5V Triple/Quad SPDT Switches in Chip Scale Packages
REV. A
ADG788BCPZ-REEL7 AD-ADG788BCPZ-REEL7 Datasheet
175Kb / 11P
   2.5ohm, 1.8V to 5.5V, 2.5V, -2.5V Triple/Quad SPDT Switches in Chip Scale Packages
REV. A
ADG788 AD-ADG788_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
More results

Similar Description - ADG788

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG788BCPZ AD-ADG788BCPZ Datasheet
175Kb / 11P
   2.5ohm, 1.8V to 5.5V, 2.5V, -2.5V Triple/Quad SPDT Switches in Chip Scale Packages
REV. A
ADG786 AD-ADG786_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
ADG788 AD-ADG788_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
logo
Intersil Corporation
ISL54503 INTERSIL-ISL54503 Datasheet
356Kb / 13P
   1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
   1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
logo
Analog Devices
ADG781 AD-ADG781 Datasheet
169Kb / 8P
   2.5 ohm Quad SPST Switches in Chip Scale Package
REV. A
ADG733BRUZ AD-ADG733BRUZ Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage Triple/Quad SPDT Switches
REV. A
ADG734BRUZ AD-ADG734BRUZ Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
ADG733BRU-REEL AD-ADG733BRU-REEL Datasheet
314Kb / 12P
   CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
ADG734 AD-ADG734_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com