Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS524PYA302MSZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MS524PYA302MSZ
Description  High Reliability Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS524PYA302MSZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  MS524PYA302MSZ Datasheet HTML 1Page - Coilcraft lnc. MS524PYA302MSZ Datasheet HTML 2Page - Coilcraft lnc. MS524PYA302MSZ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
HighReliabilityPowerInductors MS524PYA
6060 POWER INDUCTORS
Inductance2
DCR (mOhms)3
SRF (MHz)4
Irms (A)6
Part number1
±20% (µH)
typ
max
min
typ
Isat (A)5
20°C rise
40°C rise
MS524PYA681MSZ
0.68
3.10
3.41
47
59
23
14.3
18.8
MS524PYA102MSZ
1.0
3.81
4.19
37
47
21
12.8
17.3
MS524PYA182MSZ
1.8
5.30
5.83
28
36
18.1
10.5
13.5
MS524PYA222MSZ
2.2
6.00
6.60
24
31
16.4
9.8
12.8
MS524PYA302MSZ
3.0
7.45
8.19
20
26
14.6
9.0
12.0
MS524PYA472MSZ
4.7
14.90
16.40
16
21
10.5
5.3
7.5
MS524PYA562MSZ
5.6
16.22
17.84
16
20
9.9
5.3
7.5
MS524PYA682MSZ
6.8
18.90
20.80
14
18
9.2
5.3
6.8
MS524PYA822MSZ
8.2
24.00
26.40
12
16
8.4
4.5
6.0
MS524PYA103MSZ
10
27.00
29.82
11
14
7.6
3.8
5.3
MS524PYA153MSZ
15
39.77
43.75
8.8
11
5.8
3.4
4.5
MS524PYA223MSZ
22
55.12
60.63
7.2
9
5.6
2.7
3.8
Terminations Tin-lead (63/37) over copper.
Core material Composite
Weight 1.2 – 1.3 g
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
T&R packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 400/7
″reel
Plastic tape: 16 mm wide, 0.3 mm thick, 12 mm pocket spacing,
3.12 mm pocket depth
1. When ordering, please specify
testing code:
MS524PYA332MSZ
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 4395A or equivalent.
5. Typical dc current at which the inductance drops 30% from its value without current.
6. Typical current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
High temperature materials allow operation in ambient
temperatures up to 155°C
Passes vibration testing to 80 G and shock testing to 1000 G
Exceptionally low DCR – 3.1 mOhm
Soft saturation makes them ideal for VRM/VRD applications.
Document MS799-1 Revised 09/24/12
Irms Testing
Irms testing was performed on a
0.060
″ thick pcb with 4 oz. copper
traces optimized to minimize additional
temperature rise.
Temperature rise is highly dependent
on many factors including pcb land
pattern, trace size, and proximity
to other components. Therefore
temperature rise should be verified in
application conditions.


Similar Part No. - MS524PYA302MSZ

ManufacturerPart #DatasheetDescription
logo
EMP-Centauri s.r.o.
MS524PIU-6 EMP-CENTAURI-MS524PIU-6 Datasheet
524Kb / 1P
   Multiswitch 5in / 24out
More results

Similar Description - MS524PYA302MSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com