Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS3UM-14 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # FS3UM-14
Description  HIGH-SPEED SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FS3UM-14 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  FS3UM-14 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FS3UM-14 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FS3UM-14 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FS3UM-14 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Feb.1999
MITSUBISHI Nch POWER MOSFET
FS3UM-14A
HIGH-SPEED SWITCHING USE
10–1
100
2
3
5
7
101
2
3
5
7
–50
0
50
100
150
VGS = 10V
ID = 1/2ID
Pulse Test
0
1.0
2.0
3.0
4.0
5.0
–50
0
50
100
150
VDS = 10V
ID = 1mA
0.4
0.6
0.8
1.0
1.2
1.4
–50
0
50
100
150
VGS = 0V
ID = 1mA
0
4
8
12
16
20
0
4
8
12
16
20
VDS = 250V
400V
600V
Tch = 25°C
ID = 3A
0
2
4
6
8
10
0
0.8
1.6
2.4
3.2
4.0
TC = 125°C
75°C
25°C
VGS = 0V
Pulse Test
10–4
101
7
5
3
2
100
7
5
3
2
10–1
7
5
3
2
23 57
23 57
23 57
23 57100 23 57101 23 57102
10–3
10–2
10–1
10–2
Single Pulse
0.5
0.2
0.1
0.05
0.02
0.01
D = 1.0
GATE-SOURCE VOLTAGE
VS.GATE CHARGE
(TYPICAL)
GATE CHARGE Qg (nC)
SOURCE-DRAIN DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
SOURCE-DRAIN VOLTAGE VSD (V)
CHANNEL TEMPERATURE Tch (°C)
THRESHOLD VOLTAGE VS.
CHANNEL TEMPERATURE
(TYPICAL)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS
CHANNEL TEMPERATURE Tch (°C)
BREAKDOWN VOLTAGE VS.
CHANNEL TEMPERATURE
(TYPICAL)
PULSE WIDTH tw (s)
ON-STATE RESISTANCE VS.
CHANNEL TEMPERATURE
(TYPICAL)
CHANNEL TEMPERATURE Tch (°C)


Similar Part No. - FS3UM-14

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FS3UM-14A POWEREX-FS3UM-14A Datasheet
46Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FS3UM-14A ISC-FS3UM-14A Datasheet
257Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FS3UM-14

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS18KM-10A MITSUBISHI-FS18KM-10A Datasheet
76Kb / 4P
   HIGH-SPEED SWITCHING USE
FS14KM-12A MITSUBISHI-FS14KM-12A Datasheet
79Kb / 4P
   HIGH-SPEED SWITCHING USE
FX50KMJ-06 MITSUBISHI-FX50KMJ-06 Datasheet
51Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7KM-12 MITSUBISHI-FS7KM-12 Datasheet
45Kb / 4P
   HIGH-SPEED SWITCHING USE
FS50AS-03 MITSUBISHI-FS50AS-03 Datasheet
37Kb / 4P
   HIGH-SPEED SWITCHING USE
FS70UMH-03 MITSUBISHI-FS70UMH-03 Datasheet
40Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7UM-16A MITSUBISHI-FS7UM-16A Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FK16VS-6 MITSUBISHI-FK16VS-6 Datasheet
51Kb / 5P
   HIGH-SPEED SWITCHING USE
FS5VS-10 MITSUBISHI-FS5VS-10 Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FS16UM-9 MITSUBISHI-FS16UM-9 Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
FS1KM-16A MITSUBISHI-FS1KM-16A Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com