Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS561RAU Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # MS561RAU
Description  High-Reliability Air Core Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS561RAU Datasheet(HTML) 2 Page - Coilcraft lnc.

  MS561RAU Datasheet HTML 1Page - Coilcraft lnc. MS561RAU Datasheet HTML 2Page - Coilcraft lnc. MS561RAU Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AirCoreInductors–MS561RAU, MS615RAU, MS643RAU
Document ML893-2
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
AIR CORE INDUCTORS
Specifications subject to change without notice.
Please check our website for latest information.
Document MS893-2 Revised 06/27/12
L vs Frequency
Q vs Frequency
10
100
1000
110
1000
100
Frequency (MHz)
146 nH
111 nH
79 nH
46.5 nH
23.5 nH
561RAU
10
100
1000
110
1000
100
Frequency (MHz)
117 nH
90 nH
66 nH
42 nH
22 nH
615RAU
10
100
1000
110
1000
100
Frequency (MHz)
643RAU
155 nH
202 nH
108 nH
66 nH
33 nH
257 nH
146 nH
111 nH
79 nH
46.5 nH
23.5 nH
0
25
50
75
100
125
150
175
200
225
300
250
110
1000
100
Frequency (MHz)
561RAU
22 nH
42 nH
66 nH
90 nH
117 nH
615RAU
0
25
50
75
100
125
150
175
200
225
300
250
110
1000
100
Frequency (MHz)
202 nH
155 nH
108 nH
66 nH
33 nH
0
25
50
75
100
125
150
175
200
225
300
250
110
1000
100
Frequency (MHz)
643RAU
257 nH


Similar Part No. - MS561RAU

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS5611-01BA03 TEC-MS5611-01BA03 Datasheet
572Kb / 22P
   Barometric Pressure Sensor, with stainless steel cap
More results

Similar Description - MS561RAU

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML350RAT COILCRAFT-ML350RAT Datasheet
502Kb / 2P
   High-Reliability Air Core Inductors
ML426RAT COILCRAFT-ML426RAT Datasheet
297Kb / 2P
   High-Reliability Air Core Inductors
MS350RAT COILCRAFT-MS350RAT Datasheet
537Kb / 2P
   High-Reliability Air Core Inductors
MS536RAT COILCRAFT-MS536RAT Datasheet
659Kb / 2P
   High-Reliability Air Core Inductors
MS439RAT COILCRAFT-MS439RAT Datasheet
560Kb / 2P
   High-Reliability Air Core Inductors
ML561_615_643RAU COILCRAFT-ML561_615_643RAU Datasheet
600Kb / 3P
   High-Reliability Air Core Inductors
ML439RAT COILCRAFT-ML439RAT Datasheet
533Kb / 2P
   High-Reliability Air Core Inductors
ML475RAT COILCRAFT-ML475RAT Datasheet
481Kb / 2P
   High-Reliability Air Core Inductors
ML536RAT COILCRAFT-ML536RAT Datasheet
654Kb / 2P
   High-Reliability Air Core Inductors
MS475RAT COILCRAFT-MS475RAT Datasheet
509Kb / 2P
   High-Reliability Air Core Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com