Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON6912ALS Datasheet(PDF) 10 Page - Alpha & Omega Semiconductors

Part # AON6912ALS
Description  30V Dual Asymmetric N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6912ALS Datasheet(HTML) 10 Page - Alpha & Omega Semiconductors

Back Button AON6912ALS Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6912ALS Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6912ALS Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6912ALS Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6912ALS Datasheet HTML 6Page - Alpha & Omega Semiconductors AON6912ALS Datasheet HTML 7Page - Alpha & Omega Semiconductors AON6912ALS Datasheet HTML 8Page - Alpha & Omega Semiconductors AON6912ALS Datasheet HTML 9Page - Alpha & Omega Semiconductors AON6912ALS Datasheet HTML 10Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AON6912A
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Resistive Switching Test Circuit & Waveforms
t
tr
d(on)
t
on
t
d(off)
t f
t
off
Id
+
L
Vgs
Vds
BV
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Vds
DSS
2
E
= 1/2 LI
AR
AR
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Resistive Switching Test Circuit & Waveforms
t
tr
d(on)
t
on
t
d(off)
t f
t
off
Vdd
Vgs
Id
Vgs
Rg
DUT
-
+
VDC
L
Vgs
Vds
Id
Vgs
BV
I
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Ig
Vgs
-
+
VDC
DUT
L
Vds
Vgs
Vds
Isd
Isd
Diode Recovery Test Circuit & Waveforms
Vds -
Vds +
I F
AR
DSS
2
E
= 1/2 LI
dI/dt
I RM
rr
Vdd
Vdd
Q
= - Idt
AR
AR
t
rr
Rev1: Mar. 2011
www.aosmd.com
Page 10 of 10


Similar Part No. - AON6912ALS

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6910A AOSMD-AON6910A Datasheet
429Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AON6918 AOSMD-AON6918 Datasheet
400Kb / 10P
   25V Dual Asymmetric N-Channel MOSFET
More results

Similar Description - AON6912ALS

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6920 AOSMD-AON6920 Datasheet
400Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6906A AOSMD-AON6906A Datasheet
376Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6910A AOSMD-AON6910A Datasheet
429Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AON6908A AOSMD-AON6908A Datasheet
437Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AOE6922 AOSMD-AOE6922 Datasheet
483Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON7902 AOSMD-AON7902 Datasheet
420Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AON6926 AOSMD-AON6926 Datasheet
375Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AONP36336 AOSMD-AONP36336 Datasheet
600Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com