Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON6922 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AON6922
Description  25V Dual Asymmetric N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6922 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AON6922 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6922 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6922 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6922 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6922 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6922 Datasheet HTML 6Page - Alpha & Omega Semiconductors AON6922 Datasheet HTML 7Page - Alpha & Omega Semiconductors AON6922 Datasheet HTML 8Page - Alpha & Omega Semiconductors AON6922 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AON6922
Q1-CHANNEL: TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0.0
0.1
1.0
10.0
100.0
1000.0
0.01
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
1ms
100us
DC
RDS(ON)
limited
TJ(Max)=150°C
TC=25°C
10ms
10us
0
2
4
6
8
10
0
5
10
15
20
25
30
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
500
1000
1500
2000
2500
0
5
10
15
20
25
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
40
80
120
160
200
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note F)
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Coss
Crss
VDS=12.5V
ID=20A
Single Pulse
D=Ton/T
TJ,PK=TC+PDM.ZθJC.RθJC
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=150°C
TC=25°C
RθJC=4°C/W
Rev 1: April 2011
www.aosmd.com
Page 4 of 10


Similar Part No. - AON6922

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6920 AOSMD-AON6920 Datasheet
400Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6924 AOSMD-AON6924 Datasheet
440Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AON6926 AOSMD-AON6926 Datasheet
375Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6928 AOSMD-AON6928 Datasheet
606Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
More results

Similar Description - AON6922

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6918 AOSMD-AON6918 Datasheet
400Kb / 10P
   25V Dual Asymmetric N-Channel MOSFET
logo
Fairchild Semiconductor
FDMS3615S FAIRCHILD-FDMS3615S Datasheet
525Kb / 16P
   25V Asymmetric Dual N-Channel MOSFET
FDMS3620S FAIRCHILD-FDMS3620S Datasheet
374Kb / 12P
   PowerTrench짰 PowerStage 25V Asymmetric Dual N-Channel MOSFET
FDMS3624S FAIRCHILD-FDMS3624S Datasheet
395Kb / 12P
   PowerTrench짰 Power Stage 25V Asymmetric Dual N-Channel MOSFET
FDMS3626S FAIRCHILD-FDMS3626S Datasheet
394Kb / 12P
   PowerTrench Power Stage 25V Asymmetric Dual N-Channel MOSFET
FDPC8012S FAIRCHILD-FDPC8012S Datasheet
563Kb / 15P
   PowerTrench Power Clip 25V Asymmetric Dual N-Channel MOSFET
FDMS3622S FAIRCHILD-FDMS3622S Datasheet
403Kb / 12P
   PowerTrench짰 Power Stage 25V Asymmetric Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4922 AOSMD-AO4922_11 Datasheet
244Kb / 8P
   Asymmetric Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com